Electronic Components Datasheet Search
  English  ▼

X  

AN2629 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 20Page - STMicroelectronics AN2629 Datasheet HTML 21Page - STMicroelectronics AN2629 Datasheet HTML 22Page - STMicroelectronics AN2629 Datasheet HTML 23Page - STMicroelectronics AN2629 Datasheet HTML 24Page - STMicroelectronics AN2629 Datasheet HTML 25Page - STMicroelectronics AN2629 Datasheet HTML 26Page - STMicroelectronics AN2629 Datasheet HTML 27Page - STMicroelectronics AN2629 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Power and wakeup time measurement
AN2629
24/43
Doc ID 13922 Rev 2
//#define HSE_PLL_OFF_8MHz
//#define HSE_PLL_OFF_4MHz
//#define HSE_PLL_OFF_2MHz
//#define HSE_PLL_OFF_1MHz
//#define HSE_PLL_OFF_500kHz
//#define HSE_PLL_OFF_125kHz
//#define HSI_PLL_ON
//#define HSI_PLL_ON_64MHz
//#define HSI_PLL_ON_48MHz
//#define HSI_PLL_ON_36MHz
//#define HSI_PLL_ON_24MHz
//#define HSI_PLL_ON_16MHz
//#define HSI_PLL_OFF
//#define HSI_PLL_OFF_8MHz
//#define HSI_PLL_OFF_4MHz
//#define HSI_PLL_OFF_2MHz
//#define HSI_PLL_OFF_1MHz
//#define HSI_PLL_OFF_500kHz
//#define HSI_PLL_OFF_125kHz
Note:
1
With both HSI and HSE clock sources, if the system clock frequency is equal to or less than
8 MHz, the PLL is turned off.
2
The Wakeup push-button of the STM3210B-EVAL board (connected to pin PA0 in the
STM32F10xxx) is used as the wakeup source for all low-power modes.
●
stm32f10x_it.c file:
This file manages the interrupt service routine of the EXTI line 0 if the selected way of
entering the low-power mode is the WFI instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com