Electronic Components Datasheet Search
  English  ▼

X  

AN2629 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 26Page - STMicroelectronics AN2629 Datasheet HTML 27Page - STMicroelectronics AN2629 Datasheet HTML 28Page - STMicroelectronics AN2629 Datasheet HTML 29Page - STMicroelectronics AN2629 Datasheet HTML 30Page - STMicroelectronics AN2629 Datasheet HTML 31Page - STMicroelectronics AN2629 Datasheet HTML 32Page - STMicroelectronics AN2629 Datasheet HTML 33Page - STMicroelectronics AN2629 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Optimizing power consumption in your application
AN2629
30/43
Doc ID 13922 Rev 2
6
Optimizing power consumption in your application
6.1
Introduction
According to the laws of physics, microcontroller power consumption increases with the
clock frequency. This is why the best ratio between consumption and performance has to be
found. In many applications, power consumption can be reduced by adjusting
system/peripheral frequency to the required performance. The STM32F10xxx offers the
Slow mode features to reach that aim. If no specific system/peripheral activity is required,
the low-power modes of the STM32F10xxx can be used.
This section describes how to use the Slow and Low-power modes to optimize consumption
according to the application requirement.
A software example is provided that gives a practical view of power optimization. With this
software, the user can measure the consumption of the STM32F10xxx with the different
optimization possibilities.
6.2
Using the advance clock configuration of the STM32F10xxx
6.2.1
Context
This section describes how to use the clock configuration of the STM32F10xxx, using a
firmware found in the Zip file delivered with this application note. This firmware is available in
the Run_Mode folder.
The Run_Mode folder contains all the subdirectories and files that make up the core of the
application example:
●
inc subfolder contains the example header files
●
src subfolder contains the example source files
●
project subfolder contains two projects that compile the example files:
–
EWARMv5: contains the project for the EWARM toolchain
–
RVMDK: contains the project for the RVMDK toolchain
–
RIDE: contains the project for the RIDE toolchain
6.2.2
Detailed description
The program is a basic application that sends the time from RTC on a serial line (USART).
●
At the beginning of the application, the user has to adjust the time using the
HyperTerminal for instance.
●
Time is displayed on the terminal and refreshed every second. Practically, the RTC is
configured to generate an interruption every second.
●
When the interruption occurs, the RTC counter is captured; the time is calculated and
sent through USART1.
Figure 6 below shows the HyperTerminal view of the time adjustment interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com