Electronic Components Datasheet Search
  English  ▼

X  

AN2629 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2629
Description  low-power modes
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2629 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2629 Datasheet HTML 35Page - STMicroelectronics AN2629 Datasheet HTML 36Page - STMicroelectronics AN2629 Datasheet HTML 37Page - STMicroelectronics AN2629 Datasheet HTML 38Page - STMicroelectronics AN2629 Datasheet HTML 39Page - STMicroelectronics AN2629 Datasheet HTML 40Page - STMicroelectronics AN2629 Datasheet HTML 41Page - STMicroelectronics AN2629 Datasheet HTML 42Page - STMicroelectronics AN2629 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
Revision history
AN2629
42/43
Doc ID 13922 Rev 2
9
Revision history
Table 11.
Document revision history
Date
Revision
Changes
5-Oct-2007
1
Initial release.
30-Apr-2009
2
Document updated to take into account the move from the
STM32F10xxx firmware library to the STM32F10xxx standard
peripheral library V3.0.0. EWARM updated to EWARMv5.
Low-speed internal RC (LSI RC) frequency changed from 32 kHz to
40 kHz.
Section 1.2: Low-power modes updated to be in line with the
STM32F10xxx reference manual.
Section 2: Clock updated.
Section 5.2.2: Detailed description updated.
Firmware description modified in Section 5.3.2: Detailed description.
Values updated in Table 9: Example measurements.
Small text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com