Electronic Components Datasheet Search
  English  ▼

X  

SSL4120T Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 4 Page - NXP Semiconductors

  SSL4120T Datasheet HTML 1Page - NXP Semiconductors SSL4120T Datasheet HTML 2Page - NXP Semiconductors SSL4120T Datasheet HTML 3Page - NXP Semiconductors SSL4120T Datasheet HTML 4Page - NXP Semiconductors SSL4120T Datasheet HTML 5Page - NXP Semiconductors SSL4120T Datasheet HTML 6Page - NXP Semiconductors SSL4120T Datasheet HTML 7Page - NXP Semiconductors SSL4120T Datasheet HTML 8Page - NXP Semiconductors SSL4120T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
4 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration
66/
&2033)&
616%2267
6160$,16
5&3527
616$8;3)&
66+%&(1
616&853)&
616)%
616287
5)0$;
683,&
&)0,1
*$7(3)&
6*1'
3*1'
616&85+%&
6835(*
QF
*$7(/6
+%
QF
683+6
683+9
*$7(+6
DDD
























Table 2.
Pin description
Symbol
Pin
Description
COMPPFC
1
frequency compensation for PFC controller; externally connected to filter
SNSMAINS
2
sense input for mains voltage; externally connected to resistive divided
mains voltage
SNSAUXPFC
3
sense input for PFC demagnetization timing; externally connected to
auxiliary winding of PFC
SNSCURPFC
4
sense input for momentary current and soft start of the PFC controller;
externally connected to current sense resistor and soft start filter
SNSOUT
5
sense input for monitoring the output voltage of the HBC; externally
connected to the auxiliary winding; sense input for burst mode of HBC
controller or PFC and HBC controllers
SUPIC
6
low-voltage supply for SUPIC input; output of internal HV start-up source;
externally connected to auxiliary winding of HBC or to external DC supply
GATEPFC
7
gate driver output for PFC MOSFET
PGND
8
power ground; reference (ground) for HBC low-side and PFC driver
SUPREG
9
regulated SUPREG IC supply; output from internal regulator; input for
drivers; externally connected to SUPREG buffer capacitor
GATELS
10
gate driver output for low-side MOSFET of HBC
n.c.
11
not connected; high-voltage spacer.
SUPHV
12
high-voltage supply input for internal HV start-up source; externally
connected to boost voltage
GATEHS
13
gate driver output for high-side MOSFET of HBC
SUPHS
14
high-side driver supply input; externally connected to bootstrap capacitor
(CSUPHS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com