Electronic Components Datasheet Search
  English  ▼

X  

SSL4120T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 5 Page - NXP Semiconductors

  SSL4120T Datasheet HTML 1Page - NXP Semiconductors SSL4120T Datasheet HTML 2Page - NXP Semiconductors SSL4120T Datasheet HTML 3Page - NXP Semiconductors SSL4120T Datasheet HTML 4Page - NXP Semiconductors SSL4120T Datasheet HTML 5Page - NXP Semiconductors SSL4120T Datasheet HTML 6Page - NXP Semiconductors SSL4120T Datasheet HTML 7Page - NXP Semiconductors SSL4120T Datasheet HTML 8Page - NXP Semiconductors SSL4120T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
5 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
7.
Functional description
7.1 Overview of IC modules
The functionality of the SSL4120T can be grouped as follows:
• Supply module:
Supply management for the IC; includes the restart and (latched) shut-down states
• Protection and restart timer:
Externally adjustable timer used for delayed protection and restart timing
• Enable input:
Control input for enabling and disabling the controllers; very low current consumption
when disabled
• PFC controller:
Controls and protects the power factor converter; generates a 400 V (DC) boost
voltage from the rectified AC mains input with a high power factor
• HBC controller:
Controls and protects the resonant converter; generates a regulated (mains isolated)
output voltage from the 400 V (DC) boost voltage
Figure 1 shows the block diagram of the SSL4120T. A typical application is illustrated in
Figure 19.
HB
15
reference for high-side driver; input for half-bridge slope detection;
externally connected to half-bridge node HB between HBC MOSFETs (see
Figure 19)
n.c.
16
not connected; high-voltage spacer
SNSCURHBC 17
sense input for momentary HBC current; externally connected to resonant
current sense resistor
SGND
18
signal ground; reference (ground) for IC.
CFMIN
19
minimum frequency setting for HBC; externally connected to capacitor
RFMAX
20
maximum frequency setting for HBC; externally connected to resistor
SNSFB
21
sense input for output voltage regulation feedback; externally connected to
opto-coupler
SSHBC/EN
22
combined soft start timing of HBC and IC enable input; enabling of PFC or
PFC and HBC controllers; externally connected to soft start capacitor and
enable pull-down signal
RCPROT
23
protection timer setting for time-out and restart; externally connected to
resistor and capacitor
SNSBOOST
24
sense input for boost voltage; externally connected to resistive divided
boost voltage
Table 2.
Pin description …continued
Symbol
Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com