Electronic Components Datasheet Search
  English  ▼

X  

SSL4120T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 3Page - NXP Semiconductors SSL4120T Datasheet HTML 4Page - NXP Semiconductors SSL4120T Datasheet HTML 5Page - NXP Semiconductors SSL4120T Datasheet HTML 6Page - NXP Semiconductors SSL4120T Datasheet HTML 7Page - NXP Semiconductors SSL4120T Datasheet HTML 8Page - NXP Semiconductors SSL4120T Datasheet HTML 9Page - NXP Semiconductors SSL4120T Datasheet HTML 10Page - NXP Semiconductors SSL4120T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
7 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
• Boost charge state
The PFC controller is switching; the HBC controller is off. The current from the high
voltage start-up source is large enough to supply SUPIC (current consumption <
Ich(nom)(SUPIC)).
• Operational supply state
Both the PFC and HBC controllers are switching. Current consumption is Ioper(SUPIC).
When the HBC controller is enabled, the switching frequency will be high initially and
the current consumption of the HBC MOSFET drivers will be dominant. The stored
energy in CSUPIC will supply the initial SUPIC current before the SUPIC supply source
takes over.
Pin SUPIC has a low short-circuit detection voltage (Vscp(SUPIC); typ. 0.65 V). The current
dissipated in the HV start-up source is limited while VSUPIC < Vscp(SUPIC) (see
Section 7.2.4).
7.2.2 Regulated supply (pin SUPREG)
The voltage range on pin SUPIC exceeds that of the gate voltages of the external
MOSFETs. For this reason, the SSL4120T contains an integrated series stabilizer. The
series stabilizer creates an accurate regulated voltage (Vreg(SUPREG); typ. 10.9 V) at the
buffer capacitor CSUPREG. This stabilized voltage is used to:
• supply the internal PFC driver
• supply the internal low-side HBC driver
• supply the internal high-side driver via external components
• as a reference voltage for optional external circuits
The SUPREG series stabilizer is enabled after CSUPIC has been fully charged. This
ensures that any optional external circuitry connected to SUPREG will not dissipate any of
the start-up current.
To ensure that the external MOSFETs receive sufficient gate drive current, the voltage on
SUPREG must reach Vstart(SUPREG) (and the voltage on SUPIC must reach the start level)
before the IC starts operating.
SUPREG is provided with undervoltage protection (UVP-SUPREG; see Section 7.9).
When VSUPREG falls below Vuvp(SUPREG) (typ. 10.3 V), two events will be triggered:
• The IC will stop operating to prevent unreliable switching because the gate driver
voltage is too low. The PFC controller will stop switching immediately, but the HBC
controller will continue until the low-side stroke is active.
• The maximum current from the internal SUPREG series stabilizer is reduced to
Ich(red)(SUPREG) (typ. 5.4 mA). This will reduce the dissipation in the series stabilizer in
the event of an overload at SUPREG while SUPIC is supplied from an external DC
source.
7.2.3 High-side driver floating supply (pin SUPHS)
The high-side driver is supplied by an external bootstrap buffer capacitor, CSUPHS. The
bootstrap capacitor is connected between the high-side reference pin HB and the
high-side driver supply input pin SUPHS. CSUPHS is charged from pin SUPREG via an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com