Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7534
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 42Page - Renesas Technology Corp 7534 Datasheet HTML 43Page - Renesas Technology Corp 7534 Datasheet HTML 44Page - Renesas Technology Corp 7534 Datasheet HTML 45Page - Renesas Technology Corp 7534 Datasheet HTML 46Page - Renesas Technology Corp 7534 Datasheet HTML 47Page - Renesas Technology Corp 7534 Datasheet HTML 48Page - Renesas Technology Corp 7534 Datasheet HTML 49Page - Renesas Technology Corp 7534 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 46 of 54
REJ03B0099-0200Z
Differences among 32-pin, 36-pin and 42-pin
The 7534 Group has three package types, and each of the number
of I/O ports are different. Accordingly, when the pins which have the
function except a port function are eliminated, be careful that the
functions are also eliminated.
Table 15 Differences among 32-pin, 36-pin and 42-pin
I/O port
Port P1
Port P2
Port P3
Port P4
42-pin SDIP
P10–P16 (7-bit structure)
P20–P27 (8-bit structure)
(A/D converter 8-channel)
P30–P37 (8-bit structure)
(INT0, INT1 available)
P40, P41 (2-bit structure)
36-pin SSOP
P10–P14 (5-bit structure)
P20–P27 (8-bit structure)
(A/D converter 8-channel)
P30–P35, P37 (7-bit structure)
(INT0 available)
No port
32-pin LQFP
P10–P14 (5-bit structure)
P20–P25 (6-bit structure)
(A/D converter 6-channel)
P30–P34 (5-bit structure)
(INT function not available)
No port
Description of improved USB function for 7534
Group
Table 14 Description of improved USB function for 7534 Group
No.
1
2
3
4
5
Parameter
Response at Control transfer
D+/D- transceiver circuit
Power dissipation at Suspend
STALL in Status stage
6-bit decode of SYNC field
7532/7536 Group
Not deal with the host which performs the Control
transfer in parallel to plural device.
USB function can be used only at the condition of
CL = 150 pF to 350 pF.
Rating is Max. 300
µA not including the output cur-
rent of USBVREFOUT.
ACK is returned once to OUT (DATA0) to be valid
in Status stage.
SYNC is detected only when 8-bit full code (8016)
is complete.
7534 Group
Connectable to the host which performs the Con-
trol transfer in parallel to plural device.
Deal with the the following USB Spefification Rev.
1.1.
CL = 200 pF to 450 pF,
Trise and Tfall: 75 ns to 300 ns,
Tr/Tf: 80 % to 125 %,
Cross over Voltage: 1.3 V to 2.0 V.
Rating is Max. 300
µA including the output current
of USBVREFOUT, by low-power dissipation of D+/
D- input circuit and 3.3 V-regulator.
STALL is set automaticcally by hardware when
OUT (DATA0) is received in Status stage.
SYNC is detected only the low-order 6 bits even if
the high-order 2 bits are corrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com