Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 7534
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 3Page - Renesas Technology Corp 7534 Datasheet HTML 4Page - Renesas Technology Corp 7534 Datasheet HTML 5Page - Renesas Technology Corp 7534 Datasheet HTML 6Page - Renesas Technology Corp 7534 Datasheet HTML 7Page - Renesas Technology Corp 7534 Datasheet HTML 8Page - Renesas Technology Corp 7534 Datasheet HTML 9Page - Renesas Technology Corp 7534 Datasheet HTML 10Page - Renesas Technology Corp 7534 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 7 of 54
REJ03B0099-0200Z
PIN DESCRIPTION
Table 1 Pin description
Pin
Vcc, Vss
VREF
USBVREFOUT
CNVss
RESET
P00–P07
P10/RxD/D-
P11/TxD/D+
P12/SCLK
P13/SDATA
P14/CNTR0
P15, P16
P20/AN0–
P27/AN7
P30–P35
P36/INT1
P37/INT0
P40, P41
XIN
XOUT
Function
•Apply voltage of 4.1 to 5.5 V (4.4 to 5.25 V at USB operating) to Vcc, and 0 V to Vss.
•Reference voltage input pin for A/D converter
•Output pin for pulling up a D- line with 1.5 k
Ω external resistor
•Chip operating mode control pin, which is always connected to Vss.
•Reset input pin for active “L”
•Input and output pins for main clock generating circuit
•Connect a ceramic resonator or quartz crystal oscillator between the XIN and XOUT pins.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open.
Function expect a port function
Name
Power source
Analog reference
voltage
USB reference
voltage output
CNVss
Reset input
•8-bit I/O port.
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level
•CMOS 3-state output structure
•Whether a built-in pull-up resistor is to be used or not can be
determined by program.
•7-bit I/O port
•I/O direction register allows each pin to be individually pro-
grammed as either input or output.
•CMOS compatible input level
•CMOS 3-state output structure
•CMOS/TTL level can be switched for P10, P12, P13.
•When using the USB function, input level of ports P10 and
P11 becomes USB input level, and output level of them
becomes USB output level.
•8-bit I/O port having almost the same function as P0
•CMOS compatible input level
•CMOS 3-state output structure
Clock input
Clock output
I/O port P0
I/O port P1
I/O port P2
I/O port P3
I/O port P4
•Whether a built-in pull-up resistor is to be used or not can be
determined by program.
•2-bit I/O port
•I/O direction register allows each pin to be individually programmed as either input or output.
•Key-input (key-on wake up
interrupt input) pins
•Serial I/O1 function pin
•Serial I/O2 function pin
•Timer X function pin
•Input pins for A/D converter
•Interrupt input pins
•8-bit I/O port
•I/O direction register allows each pin to be individually programmed as either input or output.
•CMOS compatible input level (CMOS/TTL level can be switched for P36, P37).
•CMOS 3-state output structure
•P30 to P36 can output a large current for driving LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com