Electronic Components Datasheet Search
  English  ▼

X  

7534 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7534
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7534 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7534 Datasheet HTML 24Page - Renesas Technology Corp 7534 Datasheet HTML 25Page - Renesas Technology Corp 7534 Datasheet HTML 26Page - Renesas Technology Corp 7534 Datasheet HTML 27Page - Renesas Technology Corp 7534 Datasheet HTML 28Page - Renesas Technology Corp 7534 Datasheet HTML 29Page - Renesas Technology Corp 7534 Datasheet HTML 30Page - Renesas Technology Corp 7534 Datasheet HTML 31Page - Renesas Technology Corp 7534 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
7534 Group
Rev.2.00
Jun 21, 2004
page 28 of 54
REJ03B0099-0200Z
Fig. 31 Structure of serial I/O1-related registers (5)
UART control register
(UARTCON: address 001B16)
Character length selection bit
0: 8 bits
1: 7 bits
Parity enable bit
0: Parity checking disabled
1: Parity checking enabled
Parity selection bit
0: Even parity
1: Odd parity
Stop bit length selection bit
0: 1 stop bit
1: 2 stop bits
P-channel output disable bit
0: CMOS output
1: N-channel open-drain output
Not used (returns “1” when read)
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
b7
b0
b7
b0
Serial I/O1 control register
(SIO1CON: address 001A16)
BRG count source selection bit
0: f(XIN)
1: f(XIN)/4
Not used (returns “1” when read)
Continuous transmit valid bit
0: Continuous transmit invalid
1: Continuous transmit valid
Transmit interrupt source selection bit
0: Interrupt when transmit buffer has
emptied
1: Interrupt when transmit shift
operation is completed
Transmit enable bit
0: Transmit disabled
1: Transmit enabled
Receive enable bit
0: Receive disabled
1: Receive enabled
Serial I/O1 mode selection bits
00: I/O port
01: Not available
10: UART mode
11: USB mode
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com