Electronic Components Datasheet Search
  English  ▼

X  

LM5181 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5181
Description  LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5181 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5181 Datasheet HTML 17Page - Texas Instruments LM5181 Datasheet HTML 18Page - Texas Instruments LM5181 Datasheet HTML 19Page - Texas Instruments LM5181 Datasheet HTML 20Page - Texas Instruments LM5181 Datasheet HTML 21Page - Texas Instruments LM5181 Datasheet HTML 22Page - Texas Instruments LM5181 Datasheet HTML 23Page - Texas Instruments LM5181 Datasheet HTML 24Page - Texas Instruments LM5181 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Start 150 kHz
Stop 30 MHz
Average detector
Peak detector
Start 30 MHz
Stop 108 MHz
Average detector
Peak detector
1 Ps/DIV
SW 20V/DIV
1 Ps/DIV
V
DFLY 5V/DIV
Output Current (mA)
0
100
200
300
400
500
600
700
60
65
70
75
80
85
90
D002
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 65V
Output Current (mA)
0
100
200
300
400
500
600
700
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
D003
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
VIN = 65V
21
LM5181
www.ti.com
SNVSBM6 – APRIL 2020
Product Folder Links: LM5181
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.2.2 Application Curves
Unless otherwise stated, application performance curves were taken at TA = 25°C.
Figure 22. Efficiency (Linear Scale)
Figure 23. Load Regulation (Linear Scale)
VIN = 24 V
IOUT = 0.5 A
Figure 24. Switch Node Voltage
VIN = 24 V
IOUT = 0.5 A
Figure 25. Flyback Diode Voltage
VIN = 24 V
IOUT = 0.5 A
150 kHz to 30 MHz
LIN = 4.7 µH
CIN = 10 µF
Figure 26. CISPR 25 Class 5 Conducted EMI Plot
VIN = 24 V
IOUT = 0.5 A
30 MHz to 108 MHz
LIN = 4.7 µH
CIN = 10 µF
Figure 27. CISPR 25 Class 5 Conducted EMI Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com