Electronic Components Datasheet Search
  English  ▼

X  

LM5181 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5181
Description  LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5181 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5181 Datasheet HTML 9Page - Texas Instruments LM5181 Datasheet HTML 10Page - Texas Instruments LM5181 Datasheet HTML 11Page - Texas Instruments LM5181 Datasheet HTML 12Page - Texas Instruments LM5181 Datasheet HTML 13Page - Texas Instruments LM5181 Datasheet HTML 14Page - Texas Instruments LM5181 Datasheet HTML 15Page - Texas Instruments LM5181 Datasheet HTML 16Page - Texas Instruments LM5181 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
˜
ª
º
ª
º
¬
¼
¬
¼
SS
SS
C
nF
5 t
ms
§
·
˜
¨
¸
©
¹
UV1
IN(off)
UV-FALLING
UV-HYST
UV1
UV2
R
V
V
1
I
R
R
§
·
¨
¸
©
¹
UV1
IN(on)
UV-RISING
UV2
R
V
V
1
R
13
LM5181
www.ti.com
SNVSBM6 – APRIL 2020
Product Folder Links: LM5181
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
where
•
VUV-RISING and VUV-FALLING are the UVLO comparator thresholds
•
IUV-HYST is the hysteresis current
(10)
where
•
VUV-RISING and VUV-FALLING are the UVLO comparator thresholds
•
IUV-HYST is the hysteresis current
(11)
The LM5181 also provides a low-IQ shutdown mode when the EN/UVLO voltage is pulled below a base-emitter
voltage drop (approximately 0.6 V at room temperature). If the EN/UVLO voltage is below this hard shutdown
threshold, the internal LDO regulator powers off, and the internal bias-supply rail collapses, shutting down the
bias currents of the LM5181. The LM5181 operates in standby mode when the EN/UVLO voltage is between the
hard shutdown and precision-enable thresholds.
8.3.6 Configurable Soft Start
The LM5181 has a flexible and easy-to-use soft-start control pin, SS/BIAS. The soft-start feature prevents inrush
current impacting the LM5181 and the input supply when power is first applied. This is achieved by controlling
the voltage at the output of the internal error amplifier. Soft start is achieved by slowly ramping up the target
regulation voltage when the device is first enabled or powered up. Selectable and adjustable start-up timing
options include a 6-ms internally-fixed soft start and an externally-programmable soft start.
The simplest way to use the LM5181 is to leave SS/BIAS open. The LM5181 employs an internal soft-start
control ramp and starts up to the regulated output voltage in 6 ms.
However, in applications with a large amount of output capacitance, higher VOUT or other special requirements,
the soft-start time can be extended by connecting an external capacitor CSS from SS/BIAS to GND. A longer soft-
start time further reduces the supply current needed to charge the output capacitors while sourcing the required
load current. When the EN/UVLO voltage exceeds the UVLO rising threshold and a delay of 20 µs expires, an
internal current source ISS of 5 µA charges CSS and generates a ramp to control the primary current amplitude.
Calculate the soft-start capacitance for a desired soft-start time, tSS, using Equation 12.
(12)
CSS is discharged by an internal FET when switching is disabled by EN/UVLO or thermal shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com