Electronic Components Datasheet Search
  English  ▼

X  

LM5181 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5181
Description  LM5181 65-VIN PSR Flyback DC/DC Converter with 100-V, 0.75-A Integrated MOSFET
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5181 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5181 Datasheet HTML 8Page - Texas Instruments LM5181 Datasheet HTML 9Page - Texas Instruments LM5181 Datasheet HTML 10Page - Texas Instruments LM5181 Datasheet HTML 11Page - Texas Instruments LM5181 Datasheet HTML 12Page - Texas Instruments LM5181 Datasheet HTML 13Page - Texas Instruments LM5181 Datasheet HTML 14Page - Texas Instruments LM5181 Datasheet HTML 15Page - Texas Instruments LM5181 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
+
VIN
VCC
5 A
1.5 V
EN/UVLO
UVLO
Comparator
RUV1
RUV2
LM5181
1.45 V
:
ª
º
¬
¼
:
˜
ª
º
¬
¼
q
ª
º
¬
¼
FB
TC
PS
Diode
R
k
3
R
k
N
TC
mV C
12
LM5181
SNVSBM6 – APRIL 2020
www.ti.com
Product Folder Links: LM5181
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Feature Description (continued)
8.3.3.1 Diode Thermal Compensation
The LM5181 employs a unique thermal compensation circuit that adjusts the feedback setpoint based on the
thermal coefficient of the forward voltage drop of the flyback diode. Even though the output voltage is measured
when the secondary current is effectively zero, there is still a non-zero forward voltage drop associated with the
flyback diode. Select the thermal compensation resistor using Equation 9.
(9)
The temperature coefficient of the diode voltage drop may not be explicitly provided in the diode data sheet, so
the effective value can be estimated based on the measured output voltage shift overtemperature when the TC
resistor is not installed.
8.3.4 Control Loop Error Amplifier
The inputs of the error amplifier include a level-shifted version of the FB voltage and an internal 1.21-V reference
set by the resistor at RSET. A type-2 internal compensation network stabilizes the converter. In BCM operation
when the output voltage is in regulation, an on-time interval is initiated when the secondary current reaches zero.
The power MOSFET is subsequently turned off when an amplified version of the peak primary current exceeds
the error amplifier output.
8.3.5 Precision Enable
The precision EN/UVLO input supports adjustable input undervoltage lockout (UVLO) with hysteresis for
application specific power-up and power-down requirements. EN/UVLO connects to a comparator with a 1.5-V
reference voltage and 50-mV hysteresis. An external logic signal can be used to drive the EN/UVLO input to
toggle the output on and off for system sequencing or protection. The simplest way to enable the LM5181 is to
connect EN/UVLO directly to VIN. This allows the LM5181 to start up when VIN is within its valid operating range.
However, many applications benefit from using a resistor divider RUV1 and RUV2 as shown in Figure 19 to
establish a precision UVLO level.
Figure 19. Programmable Input Voltage UVLO With Hysteresis
Use Equation 10 and Equation 11 to calculate the input UVLO voltages turnon and turnoff voltages, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com