Electronic Components Datasheet Search
  English  ▼

X  

INA180A2IDBVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # INA180A2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180A2IDBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA180A2IDBVT Datasheet HTML 27Page - Texas Instruments INA180A2IDBVT Datasheet HTML 28Page - Texas Instruments INA180A2IDBVT Datasheet HTML 29Page - Texas Instruments INA180A2IDBVT Datasheet HTML 30Page - Texas Instruments INA180A2IDBVT Datasheet HTML 31Page - Texas Instruments INA180A2IDBVT Datasheet HTML 32Page - Texas Instruments INA180A2IDBVT Datasheet HTML 33Page - Texas Instruments INA180A2IDBVT Datasheet HTML 34Page - Texas Instruments INA180A2IDBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 51 page
background image
1
2
3
14
12
IN±1
IN+4
IN+1
OUT1
OUT4
RSHUNT2
Load1
VIA to
Ground
Plane
CBYPASS
4
11
GND
VS
13
IN±4
RSHUNT4
Load 1
Direction of
Current Flow
Bus Voltage 1:
±0.2 V to +26 V
5
6
9
IN+2
IN±3
IN±2
7
8
OUT3
OUT2
10
IN+3
Load 4
Load 2
Load 3
Current Sense
Output 4
Current Sense
Output 3
Current Sense
Output 2
Bus Voltage 2:
±0.2 V to +26 V
Bus Voltage 3:
±0.2 V to +26 V
Bus Voltage 4:
±0.2 V to +26 V
RSHUNT1
RSHUNT3
Current Sense
Output 1
VIA to
Ground
Plane
Direction of
Current Flow
Direction of
Current Flow
Direction of
Current Flow
Power Supply, VS:
2.7 V to 5.5 V
31
INA180, INA2180, INA4180
www.ti.com
SBOS741G – APRIL 2017 – REVISED APRIL 2020
Product Folder Links: INA180 INA2180 INA4180
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Layout Examples (continued)
Figure 54. Quad-Channel Recommended Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com