Electronic Components Datasheet Search
  English  ▼

X  

INA180A2IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA180A2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180A2IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA180A2IDBVT Datasheet HTML 2Page - Texas Instruments INA180A2IDBVT Datasheet HTML 3Page - Texas Instruments INA180A2IDBVT Datasheet HTML 4Page - Texas Instruments INA180A2IDBVT Datasheet HTML 5Page - Texas Instruments INA180A2IDBVT Datasheet HTML 6Page - Texas Instruments INA180A2IDBVT Datasheet HTML 7Page - Texas Instruments INA180A2IDBVT Datasheet HTML 8Page - Texas Instruments INA180A2IDBVT Datasheet HTML 9Page - Texas Instruments INA180A2IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
6
INA180, INA2180, INA4180
SBOS741G – APRIL 2017 – REVISED APRIL 2020
www.ti.com
Product Folder Links: INA180 INA2180 INA4180
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Pin Functions: INA2180 (Dual Channel) and INA4180 (Quad Channel) (continued)
PIN
TYPE
DESCRIPTION
NAME
INA2180
INA4180
IN+3
—
10
Analog input
Current-sense amplifier positive input for channel 3. For high-side
applications, connect to bus-voltage side of channel-3 sense resistor. For
low-side applications, connect to load side of channel-3 sense resistor.
IN–4
—
13
Analog input
Current-sense amplifier negative input for channel 4. For high-side
applications, connect to load side of channel-4 sense resistor. For low-
side applications, connect to ground side of channel-4 sense resistor.
IN+4
—
12
Analog input
Current-sense amplifier positive input for channel 4. For high-side
applications, connect to bus-voltage side of channel-4 sense resistor. For
low-side applications, connect to load side of channel-4 sense resistor.
OUT1
1
1
Analog output
Channel 1 output voltage
OUT2
7
7
Analog output
Channel 2 output voltage
OUT3
—
8
Analog output
Channel 3 output voltage
OUT4
—
14
Analog output
Channel 4 output voltage
VS
8
4
Analog
Power supply, 2.7 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com