Electronic Components Datasheet Search
  English  ▼

X  

INA180A2IDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA180A2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA180A2IDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA180A2IDBVT Datasheet HTML 6Page - Texas Instruments INA180A2IDBVT Datasheet HTML 7Page - Texas Instruments INA180A2IDBVT Datasheet HTML 8Page - Texas Instruments INA180A2IDBVT Datasheet HTML 9Page - Texas Instruments INA180A2IDBVT Datasheet HTML 10Page - Texas Instruments INA180A2IDBVT Datasheet HTML 11Page - Texas Instruments INA180A2IDBVT Datasheet HTML 12Page - Texas Instruments INA180A2IDBVT Datasheet HTML 13Page - Texas Instruments INA180A2IDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Gain Error (%)
D011
Gain Error (%)
D012
Common-Mode Rejection Ratio (PV/V)
D009
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-10
-8
-6
-4
-2
0
2
4
6
8
10
D010
A1
A2
A3
A4
Common-Mode Rejection Ratio (PV/V)
D007
Common-Mode Rejection Ratio (PV/V)
D008
10
INA180, INA2180, INA4180
SBOS741G – APRIL 2017 – REVISED APRIL 2020
www.ti.com
Product Folder Links: INA180 INA2180 INA4180
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, and VIN+ = 12 V (unless otherwise noted)
Figure 7. Common-Mode Rejection Production Distribution
A2
Figure 8. Common-Mode Rejection Production Distribution
A3
Figure 9. Common-Mode Rejection Production Distribution
A4
Figure 10. Common-Mode Rejection Ratio vs Temperature
Figure 11. Gain Error Production Distribution A1
Figure 12. Gain Error Production Distribution A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com