Electronic Components Datasheet Search
  English  ▼

X  

OPA202ID Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202ID
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202ID Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPA202ID Datasheet HTML 22Page - Texas Instruments OPA202ID Datasheet HTML 23Page - Texas Instruments OPA202ID Datasheet HTML 24Page - Texas Instruments OPA202ID Datasheet HTML 25Page - Texas Instruments OPA202ID Datasheet HTML 26Page - Texas Instruments OPA202ID Datasheet HTML 27Page - Texas Instruments OPA202ID Datasheet HTML 28Page - Texas Instruments OPA202ID Datasheet HTML 29Page - Texas Instruments OPA202ID Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
+
±
Low-Pass Filter
50
Digital Multimeter
Ambient temperature: 25Û&
Sample /
Averaging
+VS
-VS
Not shown: 0.1 µF and 10 µF
supply decoupling
RF source
DC Bias: 0 V
Modulation: None (CW)
Frequency Sweep: 201 pt. Log
26
OPA202, OPA2202, OPA4202
SBOS812G – OCTOBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Table 3 lists the EMIRR IN+ values for the OPAx202 at particular frequencies commonly encountered in real-
world applications. Table 3 lists applications that may be centered on or operated near the particular frequency
shown. This information may be of special interest to designers working with these types of applications, or
working in other fields likely to encounter RF interference from broad sources, such as the industrial, scientific,
and medical (ISM) radio band.
Table 3. OPAx202 EMIRR IN+ for Frequencies of Interest
FREQUENCY
APPLICATION OR ALLOCATION
EMIRR IN+
400 MHz
Mobile radio, mobile satellite, space operation, weather, radar, ultra-high frequency (UHF)
applications
41 dB
900 MHz
Global system for mobile communications (GSM) applications, radio communication, navigation,
GPS (to 1.6 GHz), GSM, aeronautical mobile, UHF applications
47 dB
1.8 GHz
GSM applications, mobile personal communications, broadband, satellite, L-band (1 GHz to 2 GHz)
54 dB
2.4 GHz
802.11b, 802.11g, 802.11n, Bluetooth®, mobile personal communications, industrial, scientific and
medical (ISM) radio band, amateur radio and satellite, S-band (2 GHz to 4 GHz)
67 dB
3.6 GHz
Radiolocation, aero communication and navigation, satellite, mobile, S-band
67 dB
5 GHz
802.11a, 802.11n, aero communication and navigation, mobile communication, space and satellite
operation, C-band (4 GHz to 8 GHz)
81 dB
7.3.8 EMIRR +IN Test Configuration
Figure 45 shows the circuit configuration for testing the EMIRR IN+. An RF source is connected to the op amp
noninverting input pin using a transmission line. The op amp is configured in a unity-gain buffer topology with the
output connected to a low-pass filter (LPF) and a digital multimeter (DMM). A large impedance mismatch at the
op amp input causes a voltage reflection; however, this effect is characterized and accounted for when
determining the EMIRR IN+. The resulting DC offset voltage is sampled and measured by the multimeter. The
LPF isolates the multimeter from residual RF signals that may interfere with multimeter accuracy.
Figure 45. EMIRR +IN Test Configuration
7.4 Device Functional Modes
The OPAx202 have a single functional mode and are operational when the power-supply voltage is greater than
4.5 V (±2.25 V). The maximum power supply voltage for the OPAx202 is 36 V (±18 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com