Electronic Components Datasheet Search
  English  ▼

X  

OPA202ID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202ID
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA202ID Datasheet HTML 6Page - Texas Instruments OPA202ID Datasheet HTML 7Page - Texas Instruments OPA202ID Datasheet HTML 8Page - Texas Instruments OPA202ID Datasheet HTML 9Page - Texas Instruments OPA202ID Datasheet HTML 10Page - Texas Instruments OPA202ID Datasheet HTML 11Page - Texas Instruments OPA202ID Datasheet HTML 12Page - Texas Instruments OPA202ID Datasheet HTML 13Page - Texas Instruments OPA202ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
10
OPA202, OPA2202, OPA4202
SBOS812G – OCTOBER 2017 – REVISED MARCH 2020
www.ti.com
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VS / 2, and VOUT = VS / 2, RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
1
MHz
SR
Slew rate
10-V step, G = 1
0.35
V/µs
tS
Settling time
To 0.1%, 10-V step , G = 1
30
µs
To 0.01%, 10-V step , G = 1
32
Overload recovery time
VIN × gain > VS
4
µs
THD+N
Total harmonic distortion
+ noise
VO = 3 VRMS, G = 1, f = 1 kHz, RL = 10 kΩ
0.0002%
OUTPUT
Voltage output swing
from rail
VS = ±18 V
TA = 25°C, No Load
650
750
mV
TA = 25°C, RL = 10 kΩ
800
900
TA = 25°C, RL = 2 kΩ
1.05
1.15
V
TA = –40°C to +105°C, RL = 10 kΩ
1
AOL > 120 dB, RL = 10 kΩ
1.05
AOL > 120 dB, RL = 2 kΩ
1.25
ISC
Short-circuit current
Sinking
35
mA
Sourcing
35
CLOAD
Capacitive load drive
Figure 28
ZO
Open-loop output
impedance
IO = 0 mA, f = 1 MHz; see Figure 27
50
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 mA
580
800
µA
IO = 0 mA, TA = –40°C to +105°C
900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com