Electronic Components Datasheet Search
  English  ▼

X  

OPA202ID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA202ID
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA202ID Datasheet(HTML) 1 Page - Texas Instruments

  OPA202ID Datasheet HTML 1Page - Texas Instruments OPA202ID Datasheet HTML 2Page - Texas Instruments OPA202ID Datasheet HTML 3Page - Texas Instruments OPA202ID Datasheet HTML 4Page - Texas Instruments OPA202ID Datasheet HTML 5Page - Texas Instruments OPA202ID Datasheet HTML 6Page - Texas Instruments OPA202ID Datasheet HTML 7Page - Texas Instruments OPA202ID Datasheet HTML 8Page - Texas Instruments OPA202ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
±10
±8
±6
±4
±2
0
2
4
6
8
10
0
1
2
3
4
5
Time ( s)
C003
25000 pF
C
L = 28 pF to 25000 pF
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA202, OPA2202, OPA4202
SBOS812G – OCTOBER 2017 – REVISED MARCH 2020
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
1
1 Features
1
•
Precision super-beta performance:
–
Low offset voltage: 200 µV (maximum)
–
Ultra-low drift: 1 µV/°C (maximum)
•
Excellent efficiency:
–
Quiescent current: 580 µA (typical)
–
Gain-bandwidth product: 1 MHz
–
Low input voltage noise: 9 nV/
√Hz
•
Ease of use, design simplicity:
–
Heavy capacitive load drive: 5-µs settling time
with 25 nF
–
Ultra-high input impedance: 3000 GΩ and
0.5 pF
–
EMI hardened, thermal, and short-circuit
protection
•
Stable Performance:
–
High CMRR and AOL: 126 dB (minimum)
–
High PSRR: 126 dB (minimum)
•
Low bias current: 2 nA (maximum)
•
Low 0.1-Hz to 10-Hz noise: 0.2 µVPP
•
Wide supply voltage: ±2.25 V to ±18 V
•
Replaces OP-07 and OP-27
2 Applications
•
Data acquisition (DAQ)
•
Lab and field instrumentation
•
Merchant network and server PSU
•
Multiparameter patient monitor
•
String inverter
3 Description
The OPA202, OPA2202, and OPA4202 (OPAx202)
are a family of devices built on TI's industry-leading
precision
super-beta,
complementary,
bipolar
semiconductor process. This process offers ultra-low
flicker noise, low offset voltage, low offset voltage
temperature
drift,
and
excellent
linearity
with
common-mode and power-supply variation. These
devices offer an exceptional combination of dc
precision, heavy capacitive load drive, and protection
against
external
EMI,
thermal,
and
short-circuit
events.
The supply current is 580 µA at ±18 V. The OPAx202
do not exhibit phase inversion, and the series is
stable with high capacitive loads. The OPAx202 are
fully specified with a temperature range from –40°C
to +105°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA202
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
VSSOP (8) (Preview)
3.00 mm × 3.00 mm
OPA2202
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8) (Preview)
4.90 mm × 3.91 mm
OPA4202
SOIC (14)
8.65 mm × 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
OPAx202 Excel Even When Directly Driving Heavy
Capacitive Loads


Similar Part No. - OPA202ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202ID TI1-OPA202ID Datasheet
2Mb / 37P
Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202ID TI1-OPA202ID Datasheet
2Mb / 39P
Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202ID TI1-OPA202ID Datasheet
2Mb / 39P
Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202ID TI1-OPA202ID Datasheet
3Mb / 45P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202ID TI1-OPA202ID Datasheet
3Mb / 47P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results

Similar Description - OPA202ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_18 Datasheet
2Mb / 39P
Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202_1812 TI1-OPA202_1812 Datasheet
2Mb / 39P
Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202_V01 Datasheet
3Mb / 45P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V02 Datasheet
3Mb / 47P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V03 Datasheet
3Mb / 47P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V04 Datasheet
3Mb / 48P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V06 Datasheet
3Mb / 49P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202_V07 Datasheet
3Mb / 50P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI-OPA202_V08 Datasheet
3Mb / 50P
OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com