Electronic Components Datasheet Search
  English  ▼

X  

NB621 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # NB621
Description  8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB621 Datasheet(HTML) 2 Page - Monolithic Power Systems

  NB621 Datasheet HTML 1Page - Monolithic Power Systems NB621 Datasheet HTML 2Page - Monolithic Power Systems NB621 Datasheet HTML 3Page - Monolithic Power Systems NB621 Datasheet HTML 4Page - Monolithic Power Systems NB621 Datasheet HTML 5Page - Monolithic Power Systems NB621 Datasheet HTML 6Page - Monolithic Power Systems NB621 Datasheet HTML 7Page - Monolithic Power Systems NB621 Datasheet HTML 8Page - Monolithic Power Systems NB621 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NB621 – 8A, 25V, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER WITH INTEGRATED LDO
NB621 Rev. 0.9
www.MonolithicPower.com
2
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
NB621EV
QFN28 (4mmx5mm)
N621EV
–20
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. NB621EV–Z);
For RoHS compliant packaging, add suffix –LF (e.g. NB621EV–LF–Z).
PACKAGE REFERENCE
TOP VIEW
2
3
4
5
6
7
8
1
10
11
12
13
14
9
27
26
25
24
23
28
BST
SW
SW
SW
SW
N/C
GND
SDRV
AGND VCC AAM
SS
FB
PGOOD
EN/SYNC
IN
IN
IN
IN
IN
SELH
ENLDO
LDO
REGO
N/C
N/C
N/C
N/C
Exposed pad on
back side
connected to GND
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN .......................................28V
VSW ......................................–0.3V to VIN + 0.3V
VBS ..................................................... VSW + 6V
IVIN(RMS) ...........................................................3A
ISW(RMS) ...........................................................3A
All Other Pins................................ –0.3V to +6V
Continuous Power Dissipation
(TA=+25°C )
(2)
............................................................3.1W
Junction Temperature.............................. 150
°C
Lead Temperature ................................... 260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 5.5V to 25V
Output Voltage VOUT........................ 0.8V to 15V
Operating Junct. Temp (TJ)..... –20°C to +125°C
Thermal Resistance
(4)
θJA
θJC
4x5 QFN28..............................40.......9
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com