Electronic Components Datasheet Search
  English  ▼

X  

NB621 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # NB621
Description  8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB621 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button NB621 Datasheet HTML 6Page - Monolithic Power Systems NB621 Datasheet HTML 7Page - Monolithic Power Systems NB621 Datasheet HTML 8Page - Monolithic Power Systems NB621 Datasheet HTML 9Page - Monolithic Power Systems NB621 Datasheet HTML 10Page - Monolithic Power Systems NB621 Datasheet HTML 11Page - Monolithic Power Systems NB621 Datasheet HTML 12Page - Monolithic Power Systems NB621 Datasheet HTML 13Page - Monolithic Power Systems NB621 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NB621 – 8A, 25V, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER WITH INTEGRATED LDO
NB621 Rev. 0.9
www.MonolithicPower.com
11
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
regulator is in full regulation. When VIN is lower
than 5.0 V, the output of the regulator decreases.
Since this internal regulator provides the bias
current for the bottom gate driver that requires
significant amount of current depending upon the
external MOSFET selection, a 1 µF ceramic
capacitor for decoupling purpose is required.
Enable/Sync Control
The NB621 has a dedicated Enable/Sync control
pin (EN/SYNC). By pulling it high or low, the IC
can be enabled and disabled by EN. Tie EN to
VIN for automatic start up. To disable the part,
EN must be pulled low for at least 5µs.
The NB621 can be synchronized to external
clock range from 300 kHz up to 2 MHz through
the EN/SYNC pin. The internal clock rising edge
is synchronized to the external clock rising edge.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage. The NB621 UVLO comparator
monitors the output voltage of the internal
regulator, VCC. The UVLO rising threshold is
about 4.0 V while its falling threshold is a
consistent 3.2 V.
Soft-Start
The soft-start is implemented to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (SS)
ramping up from 0 V to 1.2 V. When it is lower
than the internal reference (REF), SS overrides
REF so the error amplifier uses SS as the
reference. When SS is higher than REF, REF
regains control. The soft start time (
ss
T ) can be
calculated by:
s s
s s
6
1 . 2
C
T
1 0
1 0
−
⋅
=
⋅
Over-Current-Protection and Hiccup
The NB621 has cycle-by-cycle over current limit
when the inductor current peak value exceeds
the set current limit threshold. Meanwhile, output
voltage starts to drop until FB is below the Under-
Voltage (UV) threshold, typically 30% below the
reference. Once a UV is triggered, the NB621
enters hiccup mode to periodically restart the part.
This protection mode is especially useful when
the output is dead-short to ground. The average
short circuit current is greatly reduced to alleviate
the thermal issue and to protect the regulator.
The NB621 exits the hiccup mode once the over
current condition is removed.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip
from
operating
at
exceedingly
high
temperatures. When the silicon die temperature
is higher than 150
°C, it shuts down the whole
chip. When the temperature is lower than its
lower threshold, typically 140
°C, the chip is
enabled again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is 2.2 V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, M3, C4,
L1 and C2 (Figure 2). If (VIN-VSW) is more than
5 V, U2 will regulate M3 to maintain a 5V BST
voltage across C4.
SW
Figure 2—Internal Bootstrap Charging Circuit
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents, and then the
internal regulator is enabled. The regulator
provides
stable
supply
for
the
remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
avoid any fault triggering. The COMP voltage and
the internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com