Electronic Components Datasheet Search
  English  ▼

X  

NB621 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # NB621
Description  8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB621 Datasheet(HTML) 1 Page - Monolithic Power Systems

  NB621 Datasheet HTML 1Page - Monolithic Power Systems NB621 Datasheet HTML 2Page - Monolithic Power Systems NB621 Datasheet HTML 3Page - Monolithic Power Systems NB621 Datasheet HTML 4Page - Monolithic Power Systems NB621 Datasheet HTML 5Page - Monolithic Power Systems NB621 Datasheet HTML 6Page - Monolithic Power Systems NB621 Datasheet HTML 7Page - Monolithic Power Systems NB621 Datasheet HTML 8Page - Monolithic Power Systems NB621 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
NB621
8A, 25V, 600kHz Synchronous Step-Down
Converter with Integrated LDO
NB621 Rev. 0.9
www.MonolithicPower.com
1
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The NB621 is a high frequency synchronous
rectified step-down switch mode converter with
a built in internal high side power MOSFET and
integrated LDO. It offers a very compact
solution to achieve 8A continuous output
current over a wide input, load and line range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and thermal
shut down.
The NB621 requires a minimum number of
readily available standard external components
and is available in a space saving 4mm x 5mm
28-pin QFN package.
FEATURES
• Wide 5.5V to 25V Operating Input Range
• 8A Output Current
• Internal Low RDSON Power MOSFETs
• Fixed 600kHz switching frequency
• Sync from 300kHz to 2MHz External Clock
• Integrated 100mA LDO
• Internal Compensation
• Power Good Output
• Integrated Bootstrap Diode
• OCP Protection and Thermal Shutdown
• Output Adjustable from 0.8V to 15V
• Available in 4mm x 5mm 28-pin QFN package.
APPLICATIONS
•
Notebook Systems and I/O Power
•
Networking Systems
•
Digital Set Top Boxes
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION (FOR NOTEBOOK)
VCC
VIN
VCC
GND
VCC
U1
IN
VCC
AAM
PGOOD
EN/SYNC
ENLDO
SS GND SELH
NC
LDO
REGO
SDRV
FB
SW
BST
NB621EV
AAM
R3
100k
R4
60.4k
R5
20k
R2
100k
R1
100k
R11
61.9k
R12
20.0k
R13
1k
3.3V
R8
100k
R14
10k
R9
22k
PGOOD
EN
ENLDO
GND
VOUT
VIN
17,18,19,20,21
11
12
15
16
23
6,9,24,27,28
25
26
8
14
2,3,4,5
1
Q1
FDS6670AS


Similar Part No. - NB621

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB6 GLENAIR-NB6 Datasheet
58Kb / 1P
Military Standard Connector Index
logo
Monolithic Power System...
NB633 MPS-NB633 Datasheet
614Kb / 13P
High Efficiency 3A, 24V, 500kHz Synchronous Step-down Converter
Rev. 0.9
NB633EL MPS-NB633EL Datasheet
614Kb / 13P
High Efficiency 3A, 24V, 500kHz Synchronous Step-down Converter
Rev. 0.9
NB634 MPS-NB634 Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
NB634EL MPS-NB634EL Datasheet
349Kb / 13P
High Efficiency 5A, 24V, 500kHz Synchronous Step-down Converter
More results

Similar Description - NB621

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
MP38671 MPS-MP38671 Datasheet
393Kb / 11P
10A, 25V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP38874 MPS-MP38874 Datasheet
633Kb / 11P
8A, 21V, 600KHz Step-Down Converter with Synchronizable Gate Driver
MP8619 MPS-MP8619 Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
MP8768 MPS-MP8768 Datasheet
387Kb / 13P
8A, 28V, 600KHz Step-Down Converter with Synchronizable Gate Driver
logo
Richtek Technology Corp...
RT6258D RICHTEK-RT6258D Datasheet
342Kb / 20P
8A, 23V Synchronous Step-Down Converter with 5V LDO
RT6318B RICHTEK-RT6318B Datasheet
399Kb / 25P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
December 2021
RT6258B RICHTEK-RT6258B Datasheet
402Kb / 24P
8A, 23V Synchronous Step-Down Converter with 3.3V/5V LDO
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com