Electronic Components Datasheet Search
  English  ▼

X  

1852257 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1852257
Description  MC 1,5/10-G-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1852257 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1852257 Datasheet HTML 1Page - PHOENIX CONTACT 1852257 Datasheet HTML 2Page - PHOENIX CONTACT 1852257 Datasheet HTML 3Page - PHOENIX CONTACT 1852257 Datasheet HTML 4Page - PHOENIX CONTACT 1852257 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC 1,5/10-G-3,81 Order No.: 1803358
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1803358
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Mar 10, 2010
Accessories
Item
Designation
Description
General
1841174
MC 1,5/10-LWL 1,5-3,81
Fiber optics, Pitch: 3.81 mm, Number of positions: 10, Dimension
a: 1.5 mm, Color: transparent
1841190
MC 1,5/10-LWL 2,3-3,81
Fiber optics, Pitch: 3.81 mm, Number of positions: 10, Dimension
a: 2.3 mm, Color: transparent
1841213
MC 1,5/10-LWL 4-3,81
Fiber optics, Pitch: 3.81 mm, Number of positions: 10, Dimension
a: 4 mm, Color: transparent
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0804109
SK 3,81/2,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 10-section marker
strip, 14 identical decades marked 1-10, 11-20 etc. up to 91-
(99)100, sufficient for 140 terminal blocks
0805056
SK 3,81/2,8:SO
Marker card, special printing, self-adhesive, labeled acc. to
customer requirements, 14 identical marker strips per card, max.
25-position labeling per strip, color: White
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Additional products
Item
Designation
Description
General
1851122
FK-MCP 1,5/10-ST-3,81
Plug component, Nominal current: 8 A, Nom. voltage: 160 V,
Pitch: 3.81 mm, Number of positions: 10, Connection type: Spring-
cage conn., Color: green
1850741
FRONT-MC 1,5/10-ST-3,81
Plug component, Nominal current: 8 A, Nom. voltage: 160 V,
Pitch: 3.81 mm, Number of positions: 10, Connection type: Screw
connection, Color: green
1862658
IMC 1,5/10-G-3,81
Header, Nominal current: 8 A, Nom. voltage: 160 V, Pitch: 3.81
mm, Number of positions: 10, Color: green, Assembly: Soldering
1875506
IMCV 1,5/10-G-3,81
Header, Nominal current: 8 A, Nom. voltage: 160 V, Pitch: 3.81
mm, Number of positions: 10, Color: green, Assembly: Soldering
1803659
MC 1,5/10-ST-3,81
Plug component, Nominal current: 8 A, Nom. voltage: 160 V,
Pitch: 3.81 mm, Number of positions: 10, Connection type: Screw
connection, Color: green



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com