Electronic Components Datasheet Search
  English  ▼

X  

1852257 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1852257
Description  MC 1,5/10-G-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1852257 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1852257 Datasheet HTML 1Page - PHOENIX CONTACT 1852257 Datasheet HTML 2Page - PHOENIX CONTACT 1852257 Datasheet HTML 3Page - PHOENIX CONTACT 1852257 Datasheet HTML 4Page - PHOENIX CONTACT 1852257 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Mar 10, 2010
Extract from the online
catalog
 
MC 1,5/10-G-3,81
Order No.: 1803358
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1803358
 
 
Header, Nominal current: 8 A, Nom. voltage: 160 V, Pitch: 3.81 mm,
Number of positions: 10, Color: green, Assembly: Soldering
 
Commercial data
EAN
4017918045661
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.002804 KG
Catalog page information
Page 174 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
9.2 mm
Pitch
3.81 mm
Dimension a
34.29 mm
Number of positions
10
Pin dimensions
0,8 x 0,8 mm


Similar Part No. - 1852257

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1852257 PHOENIX-1852257 Datasheet
147Kb / 5P
MCV 1,5/10-G-3,81
More results

Similar Description - 1852257

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1803280 PHOENIX-1803280 Datasheet
147Kb / 5P
MC 1,5/ 3-G-3,81
1803293 PHOENIX-1803293 Datasheet
147Kb / 5P
MC 1,5/ 4-G-3,81
1803316 PHOENIX-1803316 Datasheet
147Kb / 5P
MC 1,5/ 6-G-3,81
1803332 PHOENIX-1803332 Datasheet
147Kb / 5P
MC 1,5/ 8-G-3,81
1803345 PHOENIX-1803345 Datasheet
147Kb / 5P
MC 1,5/ 9-G-3,81
1803361 PHOENIX-1803361 Datasheet
147Kb / 5P
MC 1,5/11-G-3,81
1803374 PHOENIX-1803374 Datasheet
147Kb / 5P
MC 1,5/12-G-3,81
1803387 PHOENIX-1803387 Datasheet
147Kb / 5P
MC 1,5/13-G-3,81
1803390 PHOENIX-1803390 Datasheet
147Kb / 5P
MC 1,5/14-G-3,81
1803413 PHOENIX-1803413 Datasheet
147Kb / 5P
MC 1,5/16-G-3,81
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com