Electronic Components Datasheet Search
  English  ▼

X  

1852257 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1852257
Description  MC 1,5/10-G-3,81
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1852257 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1852257 Datasheet HTML 1Page - PHOENIX CONTACT 1852257 Datasheet HTML 2Page - PHOENIX CONTACT 1852257 Datasheet HTML 3Page - PHOENIX CONTACT 1852257 Datasheet HTML 4Page - PHOENIX CONTACT 1852257 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC 1,5/10-G-3,81 Order No.: 1803358
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1803358
PHOENIX CONTACT Inc., USA
Page 4 / 5
http://www.phoenixcon.com
Mar 10, 2010
1852257
MCC 1/10-STZ-3,81
Plug component, Nominal current: 8 A, Nom. voltage: 160 V,
Pitch: 3.81 mm, Number of positions: 10, Connection type: Crimp
connection, Color: green
1827208
MCVR 1,5/10-ST-3,81
Plug component, Nominal current: 8 A, Nom. voltage: 160 V,
Pitch: 3.81 mm, Number of positions: 10, Connection type: Screw
connection, Color: green
1827059
MCVW 1,5/10-ST-3,81
Plug component, Nominal current: 8 A, Nom. voltage: 160 V,
Pitch: 3.81 mm, Number of positions: 10, Connection type: Screw
connection, Color: green
1897474
QC 0,5/10-ST-3,81
Plug component, Nominal current: 6 A, Nom. voltage: 320 V,
Pitch: 3.81 mm, Number of positions: 10, Connection type:
Insulation displacement connection QUICKON, Color: green
Diagrams/Drawings
Drilling plan/solder pad geometry
Dimensioned drawing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com