Electronic Components Datasheet Search
  English  ▼

X  

1754559 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1754559
Description  MSTB 2,5/ 8-ST BD: 1-8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754559 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1754559 Datasheet HTML 1Page - PHOENIX CONTACT 1754559 Datasheet HTML 2Page - PHOENIX CONTACT 1754559 Datasheet HTML 3Page - PHOENIX CONTACT 1754559 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MSTB 2,5/ 8-ST BD: 1-8 Order No.: 1765315
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1765315
PHOENIX CONTACT Inc., USA
Page 3 / 4
http://www.phoenixcon.com
Feb 25, 2010
1914917
EMSTBVA 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 200 V, Pitch: 5 mm,
Number of positions: 8, Assembly: Press-in
1762758
MDSTB 2,5/ 8-G1
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering
1846577
MDSTBA 2,5/ 8-G
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Assembly: Soldering
1762907
MDSTBV 2,5/ 8-G1
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering
1845840
MDSTBVA 2,5/ 8-G
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Assembly: Soldering
1754559
MSTB 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering
1768244
MSTB 2,5/ 8-G-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Assembly: Soldering
1757527
MSTBA 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering
1770546
MSTBA 2,5/ 8-G-LA
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Assembly: Soldering
1753550
MSTBV 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering
1755574
MSTBVA 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering
1736056
MSTBW 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering
1769298
SMSTB 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering
1769861
SMSTBA 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Color: green, Assembly: Soldering



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com