Electronic Components Datasheet Search
  English  ▼

X  

1754559 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1754559
Description  MSTB 2,5/ 8-ST BD: 1-8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754559 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1754559 Datasheet HTML 1Page - PHOENIX CONTACT 1754559 Datasheet HTML 2Page - PHOENIX CONTACT 1754559 Datasheet HTML 3Page - PHOENIX CONTACT 1754559 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSTB 2,5/ 8-ST BD: 1-8 Order No.: 1765315
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1765315
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Feb 25, 2010
CUL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
30-12
UL
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
30-12
Accessories
Item
Designation
Description
General
1803921
KGG-MSTB 2,5/ 8
Cable housing, Number of positions: 8, Dimension a: 40 mm,
Color: green
1783779
KGS-MSTB 2,5/ 8
Cable housing, Number of positions: 8, Dimension a: 40 mm,
Color: green
Marking
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
0707060
DFK-MSTB 2,5/ 8-G
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Nom. voltage: 320 V, Pitch: 5 mm, Number of positions: 8, Color:
green, Assembly: Direct mounting
1899906
EMSTBA 2,5/ 8-G
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm,
Number of positions: 8, Assembly: Press-in



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com