Electronic Components Datasheet Search
  English  ▼

X  

1754559 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754559
Description  MSTB 2,5/ 8-ST BD: 1-8
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754559 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754559 Datasheet HTML 1Page - PHOENIX CONTACT 1754559 Datasheet HTML 2Page - PHOENIX CONTACT 1754559 Datasheet HTML 3Page - PHOENIX CONTACT 1754559 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 4
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
MSTB 2,5/ 8-ST BD: 1-8
Order No.: 1765315
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1765315
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5 mm, Number of positions: 8, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918212674
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01371 KG
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI
CSA
Nominal voltage UN
300 V
Nominal current IN
10 A
AWG/kcmil
28-12


Similar Part No. - 1754559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754559 PHOENIX-1754559 Datasheet
145Kb / 5P
MSTB 2,5/ 8-G
1754559 PHOENIX-1754559 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1754559 PHOENIX-1754559 Datasheet
170Kb / 6P
MVSTBR 2,5/ 8-ST
1754559 PHOENIX-1754559 Datasheet
151Kb / 6P
MVSTBW 2,5/ 8-ST
More results

Similar Description - 1754559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751086 PHOENIX-1751086 Datasheet
116Kb / 4P
MSTB 2,5/ 4-ST BD:1-4
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1757077 PHOENIX-1757077 Datasheet
149Kb / 8P
MSTB 2,5/ 8-ST-5,08
1758393 PHOENIX-1758393 Datasheet
110Kb / 5P
MSTB 2,5/ 8-ST-5,08 BD:1-8
1765250 PHOENIX-1765250 Datasheet
99Kb / 3P
MSTB 2,5/10-ST BD: 1-10
1765344 PHOENIX-1765344 Datasheet
107Kb / 5P
MSTB 2,5/ 3-ST BD: 1-3
1767627 PHOENIX-1767627 Datasheet
104Kb / 4P
MSTB 2,5/ 9-ST BD:1-9
1826681 PHOENIX-1826681 Datasheet
96Kb / 3P
MSTB 2,5/ 5-ST BD:1-5
1829756 PHOENIX-1829756 Datasheet
96Kb / 3P
MSTB 2,5/ 2-ST BD:1-2
1833263 PHOENIX-1833263 Datasheet
96Kb / 3P
MSTB 2,5/11-ST BD:1-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com