Electronic Components Datasheet Search
  English  ▼

X  

FS6050 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FS6050
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6050 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FS6050 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
XT
April 1999
4.5.99
10
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
Table 9: DC Electrical Specifications
Unless otherwise stated, all power supplies = 3.3V ± 5%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal
characterization data and are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σ from typical. Negative currents indicate current flows out of the device.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
TYP.
MAX.
UNITS
Overall (FS6050)
Supply Current, Dynamic, with Loaded
Outputs
IDD
fCLK = 100MHz; VDD = 3.47V
180
360
mA
Supply Current, Static
IDDL
Outputs low; VDD = 3.47V
0.75
3
mA
Serial Communication Inputs/Output (SDA, SCL)
High-Level Input Voltage
VIH
Outputs low
2.31
VDD+0.3
V
Low-Level Input Voltage
VIL
Outputs low
VSS-0.3
0.9
V
Hysteresis Voltage *
Vhys
Outputs low
1.0
V
High-Level Input Current
IIH
-1
1
µA
Low-Level Input Current (pull-up)
IIL
Outputs low; VIH = 0.4V, VDD = 3.47V.
Note: SDA requires an external pull-up to
drive the data bus.
511
15
µA
Low-Level Output Sink Current (SDA)
IOL
VOL = 0.4V
10
25
mA
Output Enable Input (OE)
High-Level Input Voltage
VIH
2.0
VDD+0.3
V
Low-Level Input Voltage
VIL
VSS-0.3
0.8
V
High-Level Input Current
IIH
-1
1
µA
Low-Level Input Current (pull-up)
IIL
VIH = 0.4V; VDD = 3.47V
10
22
30
µA
Clock Input (CLK_IN)
High-Level Input Voltage
VIH
2.0
VDD+0.3
V
Low-Level Input Voltage
VIL
VSS-0.3
0.8
V
Input Leakage Current
II
-1
1
µA
Clock Outputs (SDRAM_0:17 3.3V Type 4 Clock Buffer)
IOH min
VDD = 3.135V, VO = 2.0V
-54
-65
High-Level Output Source Current
IOH max
VDD = 3.465V, VO = 3.135V
-28
-46
mA
IOL min
VDD = 3.135V, VO = 1.0V
54
69
Low-Level Output Sink Current
IOL max
VDD = 3.465V, VO = 0.4V
33
53
mA
zOH
VO = 0.5VDD; output driving high
10
17.9
24
Output Impedance
zOL
VO = 0.5VDD; output driving low
10
16.3
24
Ω
Tristate Output Current
IOZ
-5
5
µA
Short Circuit Source Current *
IOSH
VO = 0V; shorted for 30s, max.
-106
mA
Short Circuit Sink Current *
IOSL
VO = 3.3V; shorted for 30s, max.
107
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com