Electronic Components Datasheet Search
  English  ▼

X  

FS6050 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FS6050
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6050 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FS6050 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
XT
April 1999
4.5.99
11
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
Table 10: AC Timing Specifications
Unless otherwise stated, all power supplies = 3.3V ± 5%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal
characterization data and are not currently production tested to any specific limits. MIN and MAX characterization data are
± 3σ from typical.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
CLOCK
(MHz)
MIN.
TYP.
MAX.
UNITS
Overall
66.67
182
Clock Skew, Maximum;
SDRAM_0 to any SDRAM pin *
tskw
Measured on the rising edge at 1.5V;
CL = 20pF
100
228
ps
66.67
3.7
tPLH(min)
Measured on the rising edge at 1.5V;
CL = 20pF
100
3.8
66.67
3.7
tPLH(max)
Measured on the rising edge at 1.5V;
CL = 30pF
100
4.0
66.67
3.9
tPHL(min)
Measured on the rising edge at 1.5V;
CL = 20pF
100
3.8
66.67
4.2
Propagation Delay, Average;
CLK_IN to any SDRAM pin *
tPHL(max)
Measured on the rising edge at 1.5V;
CL = 30pF
100
4.0
ns
Clock Outputs (SDRAM_0:17 3.3V Type 4 Clock Buffer)
66.67
1.0
tr(min)
VO = 0.4V to 2.4V; CL = 20pF
100
0.9
66.67
1.2
Rise Time *
tr(max)
VO = 0.4V to 2.4V; CL = 30pF
100
1.0
ns
66.67
1.0
tf(min)
VO = 2.4V to 0.4V; CL = 20pF
100
0.7
66.67
1.1
Fall Time *
tf(max)
VO = 2.4V to 0.4V; CL = 30pF
100
0.8
ns
66.67
6.5
tKH(min)
VO = 2.4V; CL = 20pF
100
3.8
66.67
6.5
Clock High Time *
tKH(max)
VO = 2.4V; CL = 30pF
100
3.8
ns
66.67
6.5
tKL(min)
VO = 0.4V; CL = 20pF
100
4.6
66.67
6.3
Clock Low Time *
tKL(max)
VO = 0.4V; CL = 30pF
100
4.5
ns
66.67
49
From rising edge to rising edge at
1.5V; CL = 20pF
100
45
66.67
50
Duty Cycle *
From rising edge to rising edge at
1.5V; CL = 30pF
100
46
%
tPZL
4.7
Tristate Enable Delay *
tPZH
Output tristated to output active; CL = 20pF
4.6
ns
tPLZ
6.3
Tristate Disable Delay *
tPHZ
Output active to output tristated; CL = 20pF
7.9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com