Electronic Components Datasheet Search
  English  ▼

X  

FS6050 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # FS6050
Description  LOW-SKEW CLOCK FANOUT BUFFER ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS6050 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FS6050 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 14Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 15Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 16Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 17Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 18Page - List of Unclassifed Manufacturers FS6050 Datasheet HTML 19Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
XT
April 1999
4.5.99
17
)6)6)6)6
/RZ6NHZ &ORFN)DQRXW%XIIHU ,&V
,62
7.0
Ordering Information
DEVICE
NUMBER
ORDERING
CODE
PACKAGE TYPE
OPERATING
TEMPERATURE RANGE
SHIPPING CONFIGURATION
11257-801
48-pin (7.5mm/0.300”) SSOP
0
°C to 70°C (Commercial)
Tape and Reel
FS6050
11257-811
48-pin (7.5mm/0.300”) SSOP
0
°C to 70°C (Commercial)
Tube
11257-802
28-pin (7.5mm/0.300”) SOIC
0
°C to 70°C (Commercial)
Tape and Reel
11257-812
28-pin (7.5mm/0.209”) SOIC
0
°C to 70°C (Commercial)
Tube
11257-806
28-pin (5.3mm/0.209”) SSOP
0
°C to 70°C (Commercial)
Tape and Reel
FS6051
11257-816
28-pin (5.3mm/0.209”) SSOP
0
°C to 70°C (Commercial)
Tube
11257-803
28-pin (7.5mm/0.300”) SOIC
0
°C to 70°C (Commercial)
Tape and Reel
FS6053
11257-813
28-pin (7.5mm/0.300”) SOIC
0
°C to 70°C (Commercial)
Tube
11257-804
28-pin (7.5mm/0.300”) SOIC
0
°C to 70°C (Commercial)
Tape and Reel
FS6054
11257-814
28-pin (7.5mm/0.300”) SOIC
0
°C to 70°C (Commercial)
Tube
Purchase of I
2C components of American Microsystems, Inc., or one of its sublicensed Associated Companies conveys
a license under Philips I
2C Patent Rights to use these components in an I2C system, provided that the system conforms
to the I
2C Standard Specification as defined by Philips.
Copyright © 1998 American Microsystems, Inc.
Devices sold by AMI are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. AMI
makes no warranty, express, statutory implied or by description, regarding the information set forth herein or regarding the freedom
of the described devices from patent infringement. AMI makes no warranty of merchantability or fitness for any purposes. AMI re-
serves the right to discontinue production and change specifications and prices at any time and without notice. AMI’s products are
intended for use in commercial applications. Applications requiring extended temperature range, unusual environmental require-
ments, or high reliability applications, such as military, medical life-support or life-sustaining equipment, are specifically not recom-
mended without additional processing by AMI for such applications.
American Microsystems, Inc., 2300 Buckskin Rd., Pocatello, ID 83201, (208) 233-4690, FAX (208) 234-6796,
WWW Address:
http://www.amis.com E-mail: tgp@amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com