Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5507ZAY Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507ZAY
Description  TMS320VC5507 Fixed-Point Digital Signal Processor
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507ZAY Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320VC5507ZAY Datasheet HTML 56Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 57Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 58Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 59Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 60Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 61Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 62Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 63Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 139 page
background image
Functional Overview
60
April 2004 − Revised January 2008
SPRS244J
Table 3−26. Multichannel Serial Port #0
PORT ADDRESS
(WORD)
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x2800
DRR2_0[15:0]
Data Receive Register 2, McBSP #0
0000 0000 0000 0000
0x2801
DRR1_0[15:0]
Data Receive Register 1, McBSP #0
0000 0000 0000 0000
0x2802
DXR2_0[15:0]
Data Transmit Register 2, McBSP #0
0000 0000 0000 0000
0x2803
DXR1_0[15:0]
Data Transmit Register 1, McBSP #0
0000 0000 0000 0000
0x2804
SPCR2_0[15:0]
Serial Port Control Register 2, McBSP #0
0000 0000 0000 0000
0x2805
SPCR1_0[15:0]
Serial Port Control Register 1, McBSP #0
0000 0000 0000 0000
0x2806
RCR2_0[15:0]
Receive Control Register 2, McBSP #0
0000 0000 0000 0000
0x2807
RCR1_0[15:0]
Receive Control Register 1, McBSP #0
0000 0000 0000 0000
0x2808
XCR2_0[15:0]
Transmit Control Register 2, McBSP #0
0000 0000 0000 0000
0x2809
XCR1_0[15:0]
Transmit Control Register 1, McBSP #0
0000 0000 0000 0000
0x280A
SRGR2_0[15:0]
Sample Rate Generator Register 2, McBSP #0
0020 0000 0000 0000
0x280B
SRGR1_0[15:0]
Sample Rate Generator Register 1, McBSP #0
0000 0000 0000 0001
0x280C
MCR2_0[15:0]
Multichannel Control Register 2, McBSP #0
0000 0000 0000 0000
0x280D
MCR1_0[15:0]
Multichannel Control Register 1, McBSP #0
0000 0000 0000 0000
0x280E
RCERA_0[15:0]
Receive Channel Enable Register Partition A, McBSP #0
0000 0000 0000 0000
0x280F
RCERB_0[15:0]
Receive Channel Enable Register Partition B, McBSP #0
0000 0000 0000 0000
0x2810
XCERA_0[15:0]
Transmit Channel Enable Register Partition A, McBSP #0
0000 0000 0000 0000
0x2811
XCERB_0[15:0]
Transmit Channel Enable Register Partition B, McBSP #0
0000 0000 0000 0000
0x2812
PCR0[15:0]
Pin Control Register, McBSP #0
0000 0000 0000 0000
0x2813
RCERC_0[15:0]
Receive Channel Enable Register Partition C, McBSP #0
0000 0000 0000 0000
0x2814
RCERD_0[15:0]
Receive Channel Enable Register Partition D, McBSP #0
0000 0000 0000 0000
0x2815
XCERC_0[15:0]
Transmit Channel Enable Register Partition C, McBSP #0
0000 0000 0000 0000
0x2816
XCERD_0[15:0]
Transmit Channel Enable Register Partition D, McBSP #0
0000 0000 0000 0000
0x2817
RCERE_0[15:0]
Receive Channel Enable Register Partition E, McBSP #0
0000 0000 0000 0000
0x2818
RCERF_0[15:0]
Receive Channel Enable Register Partition F, McBSP #0
0000 0000 0000 0000
0x2819
XCERE_0[15:0]
Transmit Channel Enable Register Partition E, McBSP #0
0000 0000 0000 0000
0x281A
XCERF_0[15:0]
Transmit Channel Enable Register Partition F, McBSP #0
0000 0000 0000 0000
0x281B
RCERG_0[15:0]
Receive Channel Enable Register Partition G, McBSP #0
0000 0000 0000 0000
0x281C
RCERH_0[15:0]
Receive Channel Enable Register Partition H, McBSP #0
0000 0000 0000 0000
0x281D
XCERG_0[15:0]
Transmit Channel Enable Register Partition G, McBSP #0
0000 0000 0000 0000
0x281E
XCERH_0[15:0]
Transmit Channel Enable Register Partition H, McBSP #0
0000 0000 0000 0000
† Hardware reset; x denotes a “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com