Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5507ZAY Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507ZAY
Description  TMS320VC5507 Fixed-Point Digital Signal Processor
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507ZAY Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320VC5507ZAY Datasheet HTML 94Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 95Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 96Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 97Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 98Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 99Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 100Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 101Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 139 page
background image
Electrical Specifications
98
April 2004 − Revised January 2008
SPRS244J
5.8
Reset Timings
5.8.1 Power-Up Reset (On-Chip Oscillator Active)
Table 5−11 assumes testing over recommended operating conditions (see Figure 5−15).
Table 5−11. Power-Up Reset (On-Chip Oscillator Active) Timing Requirements
NO.
CVDD = 1.2 V
CVDD = 1.35 V
CVDD = 1.6 V
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
R1
th(SUPSTBL-RSTL)
Hold time, RESET low after oscillator stable†
3P‡
3P‡
ns
† Oscillator stable time depends on the crystal characteristic (i.e., frequency, ESR, etc.) which varies from one crystal manufacturer to another.
Based on the crystal characteristics, the oscillator stable time can be in the range of a few to 10s of ms. A reset circuit with 100 ms or more delay
time will ensure the oscillator stabilized before the RESET goes high.
‡ P = 1/(input clock frequency) in ns. For example, when input clock is 12 MHz, P = 83.33 ns.
R1
CLKOUT
CVDD
DVDD
RESET
Figure 5−15. Power-Up Reset (On-Chip Oscillator Active) Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com