Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5507ZAY Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5507ZAY
Description  TMS320VC5507 Fixed-Point Digital Signal Processor
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5507ZAY Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC5507ZAY Datasheet HTML 60Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 61Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 62Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 63Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 64Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 65Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 66Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 67Page - Texas Instruments TMS320VC5507ZAY Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 139 page
background image
Functional Overview
64
April 2004 − Revised January 2008
SPRS244J
Table 3−33. USB Module Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
DMA CONTEXTS
0x5800
Reserved
0x5808
DMAC_O1
Output Endpoint 1 DMA Context Register
Undefined
0x5810
DMAC_O2
Output Endpoint 2 DMA Context Register
Undefined
0x5818
DMAC_O3
Output Endpoint 3 DMA Context Register
Undefined
0x5820
DMAC_O4
Output Endpoint 4 DMA Context Register
Undefined
0x5828
DMAC_O5
Output Endpoint 5 DMA Context Register
Undefined
0x5830
DMAC_O6
Output Endpoint 6 DMA Context Register
Undefined
0x5838
DMAC_O7
Output Endpoint 7 DMA Context Register
Undefined
0x5840
Reserved
0x5848
DMAC_I1
Input Endpoint 1 DMA Context Register
Undefined
0x5850
DMAC_I2
Input Endpoint 2 DMA Context Register
Undefined
0x5858
DMAC_I3
Input Endpoint 3 DMA Context Register
Undefined
0x5860
DMAC_I4
Input Endpoint 4 DMA Context Register
Undefined
0x5868
DMAC_I5
Input Endpoint 5 DMA Context Register
Undefined
0x5870
DMAC_I6
Input Endpoint 6 DMA Context Register
Undefined
0x5878
DMAC_I7
Input Endpoint 7 DMA Context Register
Undefined
DATA BUFFER
0x5880
Data Buffers
Contains X/Y data buffers for endpoints 1 – 7
Undefined
0x6680
OEB_0
Output Endpoint 0 Buffer
Undefined
0x66C0
IEB_0
Input Endpoint 0 Buffer
Undefined
0x6700
SUP_0
Setup Packet for Endpoint 0
Undefined
ENDPOINT DESCRIPTOR BLOCKS
0x6708
OEDB_1
Output Endpoint 1 Descriptor Register Block
Undefined
0x6710
OEDB_2
Output Endpoint 2 Descriptor Register Block
Undefined
0x6718
OEDB_3
Output Endpoint 3 Descriptor Register Block
Undefined
0x6720
OEDB_4
Output Endpoint 4 Descriptor Register Block
Undefined
0x6728
OEDB_5
Output Endpoint 5 Descriptor Register Block
Undefined
0x6730
OEDB_6
Output Endpoint 6 Descriptor Register Block
Undefined
0x6738
OEDB_7
Output Endpoint 7 Descriptor Register Block
Undefined
0x6740
Reserved
0x6748
IEDB_1
Input Endpoint 1 Descriptor Register Block
Undefined
0x6750
IEDB_2
Input Endpoint 2 Descriptor Register Block
Undefined
0x6758
IEDB_3
Input Endpoint 3 Descriptor Register Block
Undefined
0x6760
IEDB_4
Input Endpoint 4 Descriptor Register Block
Undefined
0x6768
IEDB_5
Input Endpoint 5 Descriptor Register Block
Undefined
0x6770
IEDB_6
Input Endpoint 6 Descriptor Register Block
Undefined
0x6778
IEDB_7
Input Endpoint 7 Descriptor Register Block
Undefined
† Hardware reset; x denotes a “don’t care.”
NOTE: The USB module must be brought out of reset by setting bit 2 of the USB Idle Control and Status Register before any USB module register
read or write attempt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com