Electronic Components Datasheet Search
  English  ▼

X  

MPX4250AP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPX4250AP
Description  20 to 250 kPa, Manifold absolute pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX4250AP Datasheet(HTML) 5 Page - NXP Semiconductors

  MPX4250AP Datasheet HTML 1Page - NXP Semiconductors MPX4250AP Datasheet HTML 2Page - NXP Semiconductors MPX4250AP Datasheet HTML 3Page - NXP Semiconductors MPX4250AP Datasheet HTML 4Page - NXP Semiconductors MPX4250AP Datasheet HTML 5Page - NXP Semiconductors MPX4250AP Datasheet HTML 6Page - NXP Semiconductors MPX4250AP Datasheet HTML 7Page - NXP Semiconductors MPX4250AP Datasheet HTML 8Page - NXP Semiconductors MPX4250AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NXP Semiconductors
MPX4250A, MPXA4250A
20 to 250 kPa, Manifold absolute pressure sensor, on-chip signal conditioned, temperature
compensated and calibrated
MPx4250A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Data sheet: technical data
Rev. 8.0 — 25 July 2017
5 / 16
term reliability. Contact the factory for information regarding media compatibility in your
application.
Figure 5 shows the recommended decoupling circuit for interfacing the output of the
integrated sensor to the A/D input of a microprocessor or microcontroller.
Figure 6 shows the sensor output signal relative to pressure input. Typical, minimum, and
maximum output curves are shown for operation over a temperature range of 0 °C to 85
°C using the decoupling circuit shown in Figure 5. The output will saturate outside of the
specified pressure range.
Wire bond
Die
P1
Fluoro silicone
die coat
Epoxy case
RTV die bond
Sealed vacuum reference
Lead frame
Stainless steel
metal cover
Figure 4. Cross sectional diagram (not to scale)
 
+5.1 V
1.0 µF
0.01 µF
470 pF
GND
VCC
Vout
IPS
Output
For additional output filtering, please refer to Application Note AN1646
Figure 5. Recommended power supply decoupling and output filtering
 
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Pressure in kPa
Transfer Function:
Vout = VCC x (P x 0.004 – 0.04) ± Error
VCC = 5.1 Vdc
Temperature = 0 °C to 85 °C
MAX
MIN
TYP
Figure 6. Output versus absolute pressure
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com