Electronic Components Datasheet Search
  English  ▼

X  

MPX4250AP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPX4250AP
Description  20 to 250 kPa, Manifold absolute pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX4250AP Datasheet(HTML) 1 Page - NXP Semiconductors

  MPX4250AP Datasheet HTML 1Page - NXP Semiconductors MPX4250AP Datasheet HTML 2Page - NXP Semiconductors MPX4250AP Datasheet HTML 3Page - NXP Semiconductors MPX4250AP Datasheet HTML 4Page - NXP Semiconductors MPX4250AP Datasheet HTML 5Page - NXP Semiconductors MPX4250AP Datasheet HTML 6Page - NXP Semiconductors MPX4250AP Datasheet HTML 7Page - NXP Semiconductors MPX4250AP Datasheet HTML 8Page - NXP Semiconductors MPX4250AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MPX4250A, MPXA4250A
20 to 250 kPa, Manifold absolute pressure sensor, on-chip
signal conditioned, temperature compensated and calibrated
Rev. 8.0 — 25 July 2017
Data sheet: technical data
1 General description
The MPX4250A/MPXA4250A Manifold Absolute Pressure (MAP) sensor for engine
control is designed to sense absolute air pressure within the intake manifold. This
measurement can be used to compute the amount of fuel required for each cylinder.
The MPX4250A/MPXA4250A piezoresistive transducer is a state-of-the-art monolithic
silicon pressure sensor designed for a wide range of applications, particularly those
employing a microcontroller or microprocessor with A/D inputs. This transducer combines
advanced micromachining techniques, thin-film metallization, and bipolar processing to
provide an accurate, high-level analog output signal that is proportional to the applied
pressure. The small form factor and high reliability of on-chip integration make the NXP
sensor a logical and economical choice for the automotive system engineer.
2 Features
• 1.5 % maximum error over 0 °C to 85 °C
• Specifically designed for intake manifold absolute pressure sensing in engine control
systems
• Patented silicon shear stress strain gauge
• Temperature compensated over –40 °C to +125 °C
• Offers reduction in weight and volume compared to existing hybrid modules
• Durable epoxy unibody element or thermoplastic small outline, surface mount package
• Ideal for non-automotive applications
• Available in three small outline packages and two unibody packages
MPXA4250A6U
98ASB17756C
MPXA4250AC6U/C6T1
98ASB17757C
MPX4250A
98ASB42793B
MPX4250AP
98ASB42796B
CASE 482-01
CASE 482A-01
CASE 867-08
CASE 867B-04
Figure 1. Small outline and unibody packages
3 Typical applications
• Turbo boost engine control
• Ideally suited for microprocessor or microcontroller-based systems


Similar Part No. - MPX4250AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4250AP MOTOROLA-MPX4250AP Datasheet
145Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT
logo
Freescale Semiconductor...
MPX4250AP FREESCALE-MPX4250AP Datasheet
258Kb / 12P
INTEGRATED PRESSURE SENSOR 20 TO 250 kPA (2.9 TO 36.3 psi) 0.2 TO 4.9 V OUTPUT
More results

Similar Description - MPX4250AP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
MPX4250D NXP-MPX4250D Datasheet
505Kb / 14P
0 to 250 kPa, Differential, gauge pressure sensor, on-chip signal conditioned, temperature compensated and calibrated
Rev. 8.0-25 July 2017
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com