Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP2010LC .2 WVGA DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 12Page - Texas Instruments DLPA2000 Datasheet HTML 13Page - Texas Instruments DLPA2000 Datasheet HTML 14Page - Texas Instruments DLPA2000 Datasheet HTML 15Page - Texas Instruments DLPA2000 Datasheet HTML 16Page - Texas Instruments DLPA2000 Datasheet HTML 17Page - Texas Instruments DLPA2000 Datasheet HTML 18Page - Texas Instruments DLPA2000 Datasheet HTML 19Page - Texas Instruments DLPA2000 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
CL
Tester Channel
Output Under Test
Data Sheet Timing Reference Point
Device Pin
16
DLP2010LC
DLPS180 – MAY 2020
www.ti.com
Product Folder Links: DLP2010LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Device electrical characteristics are over Recommended Operating Conditions unless otherwise noted.
A.
See Timing for more information.
Figure 14. Test Load Circuit for Output Propagation Measurement
6.8 Switching Characteristics
(1)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD
Output propagation, Clock to Q, rising edge of
LS_CLK input to LS_RDATA output. Figure 13
CL = 45 pF
15
ns
Slew rate, LS_RDATA
0.5
V/ns
Output duty cycle distortion, LS_RDATA
40%
60%
6.9 System Mounting Interface Loads
PARAMETER
MIN
NOM
MAX
UNIT
Maximum system mounting
interface load to be applied to the:
Connector area (see Figure 15)
45
N
DMD mounting area uniformly distributed over 4
areas (see Figure 15)
100
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com