Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP2010LC .2 WVGA DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 22Page - Texas Instruments DLPA2000 Datasheet HTML 23Page - Texas Instruments DLPA2000 Datasheet HTML 24Page - Texas Instruments DLPA2000 Datasheet HTML 25Page - Texas Instruments DLPA2000 Datasheet HTML 26Page - Texas Instruments DLPA2000 Datasheet HTML 27Page - Texas Instruments DLPA2000 Datasheet HTML 28Page - Texas Instruments DLPA2000 Datasheet HTML 29Page - Texas Instruments DLPA2000 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
Input Level (%)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
D002
Gamma = 2.2
26
DLP2010LC
DLPS180 – MAY 2020
www.ti.com
Product Folder Links: DLP2010LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 2. Example Landed Duty Cycle for Full-Color
Pixels
Red Cycle
Percentage
Green Cycle
Percentage
Blue Cycle
Percentage
50%
20%
30%
Table 3. Color Intensity Combinations
Red Scale
Value
Green Scale
Value
Blue Scale
Value
Nominal
Landed Duty
Cycle
0%
0%
0%
0/100
100%
0%
0%
50/50
0%
100%
0%
20/80
0%
0%
100%
30/70
12%
0%
0%
6/94
0%
35%
0%
7/93
0%
0%
60%
18/82
100%
100%
0%
70/30
0%
100%
100%
50/50
100%
0%
100%
80/20
12%
35%
0%
13/87
0%
35%
60%
25/75
12%
0%
60%
24/76
100%
100%
100%
100/0
The last factor to consider when estimating the landed duty cycle is any applied image processing. In the
DLPC34xx controller family, the two functions which influence the actual landed duty cycle are Gamma and
IntelliBright™, and bitplane sequencing rules.
Gamma is a power function of the form Output_Level = A × Input_LevelGamma, where A is a scaling factor that is
typically set to 1.
In the DLPC34xx controller family, gamma is applied to the incoming image data on a pixel-by-pixel basis. A
typical gamma factor is 2.2, which transforms the incoming data as shown in Figure 20.
Figure 20. Example of Gamma = 2.2
As shown in Figure 20, when the gray scale value of a given input pixel is 40% (before gamma is applied), then
gray scale value is 13% after gamma is applied. Because gamma has a direct impact on the displayed gray
scale level of a pixel, it also has a direct impact on the landed duty cycle of a pixel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com