Electronic Components Datasheet Search
  English  ▼

X  

DLPA2000 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA2000
Description  DLP2010LC .2 WVGA DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPA2000 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLPA2000 Datasheet HTML 2Page - Texas Instruments DLPA2000 Datasheet HTML 3Page - Texas Instruments DLPA2000 Datasheet HTML 4Page - Texas Instruments DLPA2000 Datasheet HTML 5Page - Texas Instruments DLPA2000 Datasheet HTML 6Page - Texas Instruments DLPA2000 Datasheet HTML 7Page - Texas Instruments DLPA2000 Datasheet HTML 8Page - Texas Instruments DLPA2000 Datasheet HTML 9Page - Texas Instruments DLPA2000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
6
DLP2010LC
DLPS180 – MAY 2020
www.ti.com
Product Folder Links: DLP2010LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device is not implied at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure above or below the Recommended Operating Conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to the ground terminals (VSS). The following power supplies are all required to operate the DMD:
VSS, VDD, VDDI, VOFFSET, VBIAS, and VRESET.
(3)
VOFFSET supply transients must fall within specified voltages.
(4)
Exceeding the recommended allowable absolute voltage difference between VDDI and VDD may result in excessive current draw.
(5)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VOFFSET may result in excessive current
draw.
(6)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VRESET may result in excessive current draw.
(7)
This maximum input voltage rating applies when each input of a differential pair is at the same voltage potential. Sub-LVDS differential
inputs must not exceed the specified limit or damage may result to the internal termination resistors.
(8)
The highest temperature of the active array (as calculated by the Micromirror Array Temperature Calculation), or of any point along the
Window Edge as defined in Figure 19. The locations of thermal test points TP2 and TP3 in Figure 19 are intended to measure the
highest window edge temperature. If a particular application causes another point on the window edge to be at a higher temperature,
that point should be used.
(9)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 19. The window test points TP2 and TP3 shown in Figure 19 are intended to result in the worst case delta. If a particular
application causes another point on the window edge to result in a larger delta temperature, that point should be used.
6 Specifications
6.1 Absolute Maximum Ratings
See
(1)
MIN
MAX
UBIT
Supply voltage
VDD
for LVCMOS core logic(2)
Supply voltage for LPSDR low speed interface
–0.5
2.3
V
VDDI
for SubLVDS receivers(2)
–0.5
2.3
VOFFSET
for HVCMOS and micromirror electrode(2)(3)
–0.5
10.6
VBIAS
for micromirror electrode(2)
–0.5
19
VRESET
for micromirror electrode(2)
–15
0.5
| VDDI–VDD |
delta (absolute value)(4)
0.3
| VBIAS–VOFFSET |
delta (absolute value)(5)
11
| VBIAS–VRESET |
delta (absolute value)(6)
34
Input voltage
for other inputs LPSDR(2)
–0.5
VDD + 0.5
V
for other inputs SubLVDS(2)(7)
–0.5
VDDI + 0.5
Input pins
| VID |
SubLVDS input differential voltage (absolute value)(7)
810
mV
IID
SubLVDS input differential current
8.1
mA
Clock frequency
ƒclock
Clock frequency for low speed interface LS_CLK
130
MHz
ƒclock
Clock frequency for high speed interface DCLK
620
Environmental
TARRAY and TWINDOW
Temperature – operational(8)
–20
90
°C
Temperature – non-operational(8)
–40
90
TDP
Dew Point Temperature - operating and non-operating
(non-condensing)
81
|TDELTA|
Absolute Temperature delta between any point on the
window edge and the ceramic test point TP1(9)
30
(1)
The average over time (including storage and operating) that the device is not in the elevated dew point temperature range.
(2)
Exposure to dew point temperatures in the elevated range during storage and operation should be limited to less than a total cumulative
time of CTELR.
6.2 Storage Conditions
applicable for the DMD as a component or non-operational in a system
MIN
MAX
UNIT
TDMD
DMD storage temperature
–40
85
°C
TDP-AVG
Average dew point temperature, (non-condensing)(1)
24
°C
TDP-ELR
Elevated dew point temperature range, (non-condensing)(2)
28
36
°C
CTELR
Cumulative time in elevated dew point temperature range
6
Months



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com