Electronic Components Datasheet Search
  English  ▼

X  

HIP5500IP Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP5500IP
Description  High Voltage IC Half Bridge Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5500IP Datasheet(HTML) 5 Page - Intersil Corporation

  HIP5500IP Datasheet HTML 1Page - Intersil Corporation HIP5500IP Datasheet HTML 2Page - Intersil Corporation HIP5500IP Datasheet HTML 3Page - Intersil Corporation HIP5500IP Datasheet HTML 4Page - Intersil Corporation HIP5500IP Datasheet HTML 5Page - Intersil Corporation HIP5500IP Datasheet HTML 6Page - Intersil Corporation HIP5500IP Datasheet HTML 7Page - Intersil Corporation HIP5500IP Datasheet HTML 8Page - Intersil Corporation HIP5500IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Performance Curves All Curves are VCC = +15V, TA = +25oC, Unless Otherwise Specified
FIGURE 1. OFFSET SUPPLY LEAKAGE CURRENT vs
TEMPERATURE AT 300VDC
FIGURE 2. QUIESCENT VCC CURRENT vs TEMPERATURE
AND VCC SUPPLY VOLTAGE
FIGURE 3. QUIESCENT FLOATING BIAS SUPPLY CURRENT
vs TEMPERATURE AND VBS SUPPLY VOLTAGE
FIGURE 4. QUIESCENT STANDBY CURRENT vs
TEMPERATURE AND VCC SUPPLY VOLTAGE
FIGURE 5. ENABLE/DISABLE THRESHOLD (PERCENT VCC)
vs TEMPERATURE AND VCC SUPPLY VOLTAGE
FIGURE 6. ENABLE/DISABLE HYSTERESIS VOLTAGE
TEMPERATURE AND VCC SUPPLY VOLTAGE
-40
-20
0
+20
+40
+60
+80
+100 +120
0.1
1.0
10.0
100.0
0.2
0.5
2
5
20
50
0.02
0.05
0.01
0.005
TEMPERATURE (oC)
-40
-20
0
+20
+40
+60
+80
+100 +120
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
TEMPERATURE (oC)
VCC = 10V
VCC = 12V
VCC = 15V
-40
-20
0
+20
+40
+60
+80
+100 +120
125
175
225
275
325
TEMPERATURE (oC)
VBS = 15V
VBS = 12V
VBS = 10V
-40
-20
0
+20
+40
+60
+80
+100
+120
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
TEMPERATURE (oC)
VCC = 15V
VCC = 12V
VCC = 10V
-40
-20
0
+20
+40
+60
+80
+100
+120
35
40
45
50
55
60
65
TEMPERATURE (oC)
VCC = 10V
VCC = 12V
VCC = 15V
VCC = 10V
VCC = 12V
VCC = 15V
-40
-20
0
+20
+40
+60
+80
+100
+120
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
TEMPERATURE (oC)
VCC = 15V
VCC = 12V
VCC = 10V
HIP5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com