Electronic Components Datasheet Search
  English  ▼

X  

HIP5500IP Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP5500IP
Description  High Voltage IC Half Bridge Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5500IP Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP5500IP Datasheet HTML 3Page - Intersil Corporation HIP5500IP Datasheet HTML 4Page - Intersil Corporation HIP5500IP Datasheet HTML 5Page - Intersil Corporation HIP5500IP Datasheet HTML 6Page - Intersil Corporation HIP5500IP Datasheet HTML 7Page - Intersil Corporation HIP5500IP Datasheet HTML 8Page - Intersil Corporation HIP5500IP Datasheet HTML 9Page - Intersil Corporation HIP5500IP Datasheet HTML 10Page - Intersil Corporation HIP5500IP Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 12. BUFFER GATE OUTPUT SHORT CIRCUIT SINKING
CURRENT vs TEMPERATURE AND VCC
SUPPLY VOLTAGE
FIGURE 13. BUFFER GATE OUTPUT SHORT CIRCUIT
SOURCING CURRENT vs TEMPERATURE AND
VCC SUPPLY VOLTAGE
FIGURE 14. LOW-SIDE UNDERVOLTAGE THRESHOLD
VOLTAGE (TRIP/RESET) vs TEMPERATURE
FIGURE 15. HIGH-SIDE UNDERVOLTAGE THRESHOLD
VOLTAGE(TRIP/RESET) vs TEMPERATURE
FIGURE 16. PROPAGATION DELAY, CT TO GATE OUTPUTS vs
TEMPERATURE AT VCC = +15V
FIGURE 17. PROPAGATION DELAY, CT TO DIS vs
TEMPERATURE AT VCC = +15V
Typical Performance Curves All Curves are VCC = +15V, TA = +25oC, Unless Otherwise Specified (Continued)
-40
-20
0
+20
+40
+60
+80
+100
+120
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
TEMPERATURE (oC)
VCC = 15V
VCC = 12V
VCC = 10V
-40
-20
0
+20
+40
+60
+80
+100
+120
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
TEMPERATURE (oC)
VCC = 15V
VCC = 12V
VCC = 10V
-40
-20
0
+20
+40
+60
+80
+100
+120
7.5
8.0
8.5
9.0
9.5
10.0
TEMPERATURE (oC)
RESET
TRIP
-40
-20
0
+20
+40
+60
+80
+100
+120
7.5
8.0
8.5
9.0
9.5
10.0
TEMPERATURE (oC)
TRIP
RESET
-40
-20
0
+20
+40
+60
+80
+100
+120
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TEMPERATURE (oC)
-40
-20
0
+20
+40
+60
+80
+100
+120
0.0
0.2
0.4
0.6
0.8
1.0
TEMPERATURE (oC)
CT -DIS FALL
CT -DIS RISE
HIP5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com