Electronic Components Datasheet Search
  English  ▼

X  

HIP5500IP Datasheet(PDF) 8 Page - Intersil Corporation

Part # HIP5500IP
Description  High Voltage IC Half Bridge Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5500IP Datasheet(HTML) 8 Page - Intersil Corporation

Back Button HIP5500IP Datasheet HTML 4Page - Intersil Corporation HIP5500IP Datasheet HTML 5Page - Intersil Corporation HIP5500IP Datasheet HTML 6Page - Intersil Corporation HIP5500IP Datasheet HTML 7Page - Intersil Corporation HIP5500IP Datasheet HTML 8Page - Intersil Corporation HIP5500IP Datasheet HTML 9Page - Intersil Corporation HIP5500IP Datasheet HTML 10Page - Intersil Corporation HIP5500IP Datasheet HTML 11Page - Intersil Corporation HIP5500IP Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
FIGURE 18. PROPAGATION DELAY, SS TO LO GATE RISING vs
TEMPERATURE AT VCC = +15V
FIGURE 19. PROPAGATION DELAYS, SD TO LO GATE
RISE/FALL vs TEMPERATURE AT VCC = +15V
FIGURE 20. PROPAGATION DELAY, CT TO GATE OUT vs
SUPPLY VOLTAGE, VCC AT +25oC FOR
RISING AND FALLING GATE OUTPUTS
FIGURE 21. MAXIMUM POWER DISSIPATION vs
TEMPERATURE
FIGURE 22. HIGH VOLTAGE POWER DISSIPATION vs
SWITCHING FREQUENCY
FIGURE 23. LOW VOLTAGE POWER DISSIPATION vs
FREQUENCY
Typical Performance Curves All Curves are VCC = +15V, TA = +25oC, Unless Otherwise Specified (Continued)
-40
-20
0
+20
+40
+60
+80
+100
+120
0.4
0.8
1.2
1.6
TEMPERATURE (oC)
-40
-20
0
+20
+40
+60
+80
+100
+120
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TEMPERATURE (oC)
SD-LO FALL
SD-LO RISE
10
11
12
13
14
15
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
SUPPLY VOLTAGE (VCC)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
-40
-20
0
+20
+40
+60
+80
+100
+120
AMBIENT TEMPERATURE (oC)
HIP5500IP
HIP5500IB
10
100
1000
SWITCHING FREQUENCY (kHz)
1.0
0.1
0.01
0.001
VS = 400V
VS = 300V
VS = 200V
VS = 100V
VBS = VCC = 15V
CL = 100pF
TA = +25oC
10
1.0
0.1
0.01
10
100
1000
SWITCHING FREQUENCY (kHz)
2100pF
907pF
100pF
VS = VSS = COM
VBS = VCC = 15VDC
TA = +25oC
NOTE: All switching losses assumed to be in IC.
HIP5500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com