Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA375 Datasheet(HTML) 2 Page - Texas Instruments

  OPA375 Datasheet HTML 1Page - Texas Instruments OPA375 Datasheet HTML 2Page - Texas Instruments OPA375 Datasheet HTML 3Page - Texas Instruments OPA375 Datasheet HTML 4Page - Texas Instruments OPA375 Datasheet HTML 5Page - Texas Instruments OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
2
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 6
7.1
Absolute Maximum Ratings ...................................... 6
7.2
ESD Ratings ............................................................ 6
7.3
Recommended Operating Conditions ....................... 6
7.4
Thermal Information for Single Channel ................... 6
7.5
Thermal Information for Dual Channel...................... 7
7.6
Electrical Characteristics........................................... 8
7.7
Typical Characteristics: OPA375 ............................ 11
7.8
Typical Characteristics: OPA2375 .......................... 19
8
Detailed Description ............................................ 26
8.1
Overview ................................................................. 26
8.2
Functional Block Diagram ....................................... 26
8.3
Feature Description................................................. 26
8.4
Device Functional Modes........................................ 31
9
Application and Implementation ........................ 32
9.1
Application Information............................................ 32
9.2
Single-Supply Electret Microphone Preamplifier With
Speech Filter ............................................................ 32
10
Power Supply Recommendations ..................... 35
11
Layout................................................................... 35
11.1
Layout Guidelines ................................................. 35
11.2
Layout Example .................................................... 36
12
Device and Documentation Support ................. 37
12.1
Device Support...................................................... 37
12.2
Related Links ........................................................ 37
12.3
Receiving Notification of Documentation Updates 37
12.4
Support Resources ............................................... 37
12.5
Trademarks ........................................................... 37
12.6
Electrostatic Discharge Caution ............................ 37
12.7
Glossary ................................................................ 37
13
Mechanical, Packaging, and Orderable
Information ........................................................... 37
4 Revision History
Changes from Revision B (January 2020) to Revision C
Page
•
Added TI.com URLs to Applications....................................................................................................................................... 1
•
Changed new package releases for OPA2375 in the Device Information table .................................................................... 1
•
Changed new package releases for OPA2375 in the Device Comparison Table section ..................................................... 3
•
Changed new package releases for OPA2375 in the Pin Configuration and Functions section ........................................... 4
•
Changed typical input current noise density value from 2 fA
√HZ to 23 fA√Hz ...................................................................... 8
•
Changed total supply voltage total from 5V to 5.5V in Electrical Characteristics condition statement .................................. 8
•
Deleted "Vs = 2.25 V to 5.5 V" test conditions for common-mode rejection ratio parameter in Electrical Characteristics .... 8
Changes from Revision A (January 2019) to Revision B
Page
•
Changed Low Broadband Noise specification in Features section to match OPA2375 specification ................................... 1
•
Added THD+N specification to Features section.................................................................................................................... 1
•
Added IQ definition for OPA2375 and OPA4375 in Features section..................................................................................... 1
•
Added supply range definition for OPA2375 and OPA4375 in Features section ................................................................... 1
•
Changed Noise Spectral Density vs Frequency plot on front page to the OPA2375 noise plot ............................................ 1
•
Changed wording in Description section to reflect the whole OPAx375 family...................................................................... 1
•
Added OPA2375 devices to Device Information table ........................................................................................................... 1
•
Added Device Comparison Table section .............................................................................................................................. 3
•
Added pin out drawings for OPA2375 packages in Pin Configuration and Functions section............................................... 4
•
Added pin functions for OPA2375 packages.......................................................................................................................... 4
•
Added X2QFN Package Drawing and Pin Functions for OPA2375S in Pin Configuration and Functions section................ 5
•
Changed and combined the OPA375 and OPA2375 Absolute Maximum Ratings, ESD Ratings, Recommended
Operating Conditions, Thermal Information, and Electrical Characteristics in the Specifications section ............................. 6
•
Changed Human-body model (HBM) value from: ±1000 to ±3000 and Charged-device mode (CDM) value
from ±250 to ±1000 ................................................................................................................................................................ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com