Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA375 Datasheet(HTML) 4 Page - Texas Instruments

  OPA375 Datasheet HTML 1Page - Texas Instruments OPA375 Datasheet HTML 2Page - Texas Instruments OPA375 Datasheet HTML 3Page - Texas Instruments OPA375 Datasheet HTML 4Page - Texas Instruments OPA375 Datasheet HTML 5Page - Texas Instruments OPA375 Datasheet HTML 6Page - Texas Instruments OPA375 Datasheet HTML 7Page - Texas Instruments OPA375 Datasheet HTML 8Page - Texas Instruments OPA375 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
Thermal
Pad
1
OUT1
8
V+
2
IN1±
7
OUT2
3
IN1+
6
IN2±
4
V±
5
IN2+
Not to scale
1
IN+
2
V±
3
IN±
4
OUT
5
V+
Not to scale
4
OPA375, OPA2375
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
www.ti.com
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
6 Pin Configuration and Functions
OPA375 DCK Package
5-Pin SC70
Top View
Pin Functions: OPA375
PIN
I/O
DESCRIPTION
NAME
NO.
+IN
1
I
Noninverting input
–IN
3
I
Inverting input
OUT
4
O
Output
V+
5
—
Positive (highest) supply
V–
2
—
Negative (lowest) supply or ground (for single-supply operation)
OPA2375 D, PW, DDF Packages
8-Pin SOIC, TSSOP, SOT-23
Top View
OPA2375 DSG Package
8-Pin WSON With Exposed Thermal Pad
Top View
Connect thermal pad to V–. See Packages
With an Exposed Thermal Pad section for
more information.
Pin Functions: OPA2375
PIN
I/O
DESCRIPTION
NAME
NO.
IN1–
2
I
Inverting input, channel 1
IN1+
3
I
Noninverting input, channel 1
IN2–
6
I
Inverting input, channel 2
IN2+
5
I
Noninverting input, channel 2
OUT1
1
O
Output, channel 1
OUT2
7
O
Output, channel 2
V–
4
—
Negative (lowest) supply or ground (for single-supply operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com