Electronic Components Datasheet Search
  English  ▼

X  

OPA375 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375
Description  OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA375 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA375 Datasheet HTML 17Page - Texas Instruments OPA375 Datasheet HTML 18Page - Texas Instruments OPA375 Datasheet HTML 19Page - Texas Instruments OPA375 Datasheet HTML 20Page - Texas Instruments OPA375 Datasheet HTML 21Page - Texas Instruments OPA375 Datasheet HTML 22Page - Texas Instruments OPA375 Datasheet HTML 23Page - Texas Instruments OPA375 Datasheet HTML 24Page - Texas Instruments OPA375 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Frequency (Hz)
-80
-60
-40
-20
0
20
40
60
80
1k
10k
100k
1M
10M
D017
G = 1
G = -1
G = 10
G = 100
G = 1000
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.06
0.12
0.18
0.24
0.3
0.36
0.42
0.48
0.54
0.6
0.66
D018
VS=1.8V RL=10k:
VS=1.8V RL=2k:
VS=5.5V RL=10k:
VS=5.5V RL=2k:
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
110
115
120
125
130
D015
Frequency (Hz)
-20
0
0
30
20
60
40
90
60
120
80
150
100
180
120
210
100
1k
10k
100k
1M
10M
D016
Gain
Phase
Frequency (Hz)
10
30
50
70
90
110
130
1k
10k
100k
1M
10M
D013
CMRR
PSRR+
PSRR-
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
100
105
110
115
120
D014
21
OPA375, OPA2375
www.ti.com
SBOS886C – NOVEMBER 2017 – REVISED JUNE 2020
Product Folder Links: OPA375 OPA2375
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Characteristics: OPA2375 (continued)
at TA = 25°C, VS = ±2.75 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2, unless otherwise noted.
Figure 51. CMRR and PSRR vs Frequency (Referred to
Input)
VS = 5.5 V, VCM = V– to (V+) – 1.2 V
Figure 52. CMRR vs Temperature
VCM = V–
Figure 53. PSRR vs Temperature
CL = 10 pF
Figure 54. Open-Loop Gain and Phase vs Frequency
CL = 10 pF
Figure 55. Closed-Loop Gain vs Frequency
Figure 56. Open-Loop Gain vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com