Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THP210 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THP210 Datasheet HTML 17Page - Texas Instruments THP210 Datasheet HTML 18Page - Texas Instruments THP210 Datasheet HTML 19Page - Texas Instruments THP210 Datasheet HTML 20Page - Texas Instruments THP210 Datasheet HTML 21Page - Texas Instruments THP210 Datasheet HTML 22Page - Texas Instruments THP210 Datasheet HTML 23Page - Texas Instruments THP210 Datasheet HTML 24Page - Texas Instruments THP210 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Gain (1 V/V)
1
2
3
4
5
0
200
400
600
800
1000
V(ERR_TEMPCO(FDA1))
V(ERR_TEMPCO(THP210))
V(ERR_TEMPCO(FDA2))
21
THP210
www.ti.com
SBOS932A – FEBRUARY 2020 – REVISED MAY 2020
Product Folder Links: THP210
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Application Information (continued)
9.1.2.2 DC Error Voltage over Temperature
The THP210 offers excellent dc accuracy at room temperature. While in many applications calibration techniques
are used to minimize the initial DC error, performing calibration over temperature is time-consuming and
expensive.
The advanced drift specification of the THP210 helps further to mitigate the system error over temperature.
Figure 46 depicts the total error voltage at given conditions:
•
Circuit configuration as shown in Figure 44
•
Temperature Range from –40°C to 125°C
•
Resistor Tolerance of 1%
The main contributors that are considered in this analysis are offset voltage drift, offset current drift and bias
current drift. Due to the ultra-low bias current drift of 15 pA/°C (see also the impact of higher gain resistors and
resistor tolerances marginally affects the error voltage with the THP210.
Figure 46. Calculation of Error Voltage over Temperature at Different Gain Settings (Variable R2)
One exemplary use case at a gain of 5 V/V shows that the total dc error over temperature of the THP210 is at 66
µV which is at least a factor of 10 smaller compared to today´s state-of-the art FDA´s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com