Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THP210 Datasheet(HTML) 12 Page - Texas Instruments

Back Button THP210 Datasheet HTML 8Page - Texas Instruments THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
Supply Voltage (V)
3
6
9
12
15
18
21
24
27
30
33
36
5
8
11
14
17
20
D041
Falling Edge
Rising Edge
Output Current (mA)
-40
-35
-30
-25
-20
-15
-10
-5
0
-30
-28
-26
-24
-22
-20
D029
40qC
125qC
25qC
85qC
Time (500 ns/div)
D043
VIN
VOUT
VOUT
Time (500 ns/div)
D042
VIN
VOUT
VOUT
Capacitive Load (pF)
20
40
60
80
100
120
140
160
180
0
2.5
5
7.5
10
12.5
15
17.5
20
D036
RISO = 0 :
RISO = 25 :
RISO = 50 :
Capacitive Load (pF)
0
50
100
150
200
250
300
350
400
0
5
10
15
20
D037
RISO = 0 :
RISO = 25 :
RISO = 50 :
12
THP210
SBOS932A – FEBRUARY 2020 – REVISED MAY 2020
www.ti.com
Product Folder Links: THP210
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at VVS = ±15 V, TA = 25°C, VVOCM = VVICM = 0 V, RF = 2 kΩ, RL = 10 kΩ, gain = –1 V/V, and VPD = VVS+ (unless otherwise
noted)
AV = 1
Figure 25. Small-Signal Overshoot vs Capacitive Load
AV = 10
Figure 26. Small-Signal Overshoot vs Capacitive Load
Figure 27. Small-Signal Step Response, Falling
Figure 28. Small-Signal Step Response, Rising
Figure 29. Output Slew Rate vs Supply Voltage
Figure 30. Output Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com