Electronic Components Datasheet Search
  English  ▼

X  

THP210 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THP210
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THP210 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THP210 Datasheet HTML 9Page - Texas Instruments THP210 Datasheet HTML 10Page - Texas Instruments THP210 Datasheet HTML 11Page - Texas Instruments THP210 Datasheet HTML 12Page - Texas Instruments THP210 Datasheet HTML 13Page - Texas Instruments THP210 Datasheet HTML 14Page - Texas Instruments THP210 Datasheet HTML 15Page - Texas Instruments THP210 Datasheet HTML 16Page - Texas Instruments THP210 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Time (5 Ps / div)
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
D055
VVOCM
(VOUT
VOUT )/2
Time (250 ns/div)
Input
Transition
+0.01
Settling
Threshold
0.01%
Settling
Threshold
D046
Time (1 Ps/div)
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D044
VOUT
VOUT
Time (5 Ps /div)
0.9
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
1.08
1.1
D054
VVOCM
(VOUT
VOUT )/2
Output Voltage Delta from Supply Voltage, VS+/VS (V)
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
108
110
112
114
116
118
120
122
124
126
128
D049
25 qC
85 qC
125 qC
40 qC
Temperature (oC)
-25
-10
5
20
35
50
65
80
95
110
125
-50
-40
-30
-20
-10
0
10
20
30
40
50
D048
IOUT (sinking)
IOUT (sourcing)
IOUT (sourcing)
IOUT (sinking)
13
THP210
www.ti.com
SBOS932A – FEBRUARY 2020 – REVISED MAY 2020
Product Folder Links: THP210
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at VVS = ±15 V, TA = 25°C, VVOCM = VVICM = 0 V, RF = 2 kΩ, RL = 10 kΩ, gain = –1 V/V, and VPD = VVS+ (unless otherwise
noted)
Figure 31. Open-Loop Gain vs Ouput Delta From Supply
Figure 32. Short-Circuit Current vs Temperature
Figure 33. Large-Signal Step Response
Figure 34. Output Common-Mode Step Response, Rising
Figure 35. Output Common-Mode Step Response, Falling
Figure 36. Output Settling Time to ±0.01%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com