Electronic Components Datasheet Search
  English  ▼

X  

AM79C930 Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 20Page - Advanced Micro Devices AM79C930 Datasheet HTML 21Page - Advanced Micro Devices AM79C930 Datasheet HTML 22Page - Advanced Micro Devices AM79C930 Datasheet HTML 23Page - Advanced Micro Devices AM79C930 Datasheet HTML 24Page - Advanced Micro Devices AM79C930 Datasheet HTML 25Page - Advanced Micro Devices AM79C930 Datasheet HTML 26Page - Advanced Micro Devices AM79C930 Datasheet HTML 27Page - Advanced Micro Devices AM79C930 Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 161 page
background image
24
Am79C930
PRELIMINARY
ISA PLUG AND PLAY PIN SUMMARY (continued)
Output Driver Types
Input Types
No. of
Pins
Pin Name
Pin Function
Pin Style
1
TXC
Transmit Clock—may be configured either as input or output
TS1
1
LFPE
Low Frequency Power Enable—used to power up the low-frequency section of
the transceiver
PTS1
1
LFCLK
Low Frequency Clock—a reference signal for the transceiver synthesizer
TS1
1
HFPE
High Frequency Power Enable—used to power up the high-frequency section
of the transceiver
PTS1
1
HFCLK
High Frequency Clock—a reference signal for the transceiver synthesizer
TS1
1
ANTSLT
Antenna Select—used to select between two antennas
PTS1
1
TXCMD
Transmit Command—used to select the transmit path in the transceiver
TP1
1
TXPE
Transmit Power Enable—used to power up the transmit section of the
transceiver
TP1
1
TXDATA
Transmit Data—supplies the transmit data stream to the transceiver
TP1
1
TXMOD
Transmit Modulation Enable—enables the modulation of transmit data
TP1
1
RXPE
Receive Power Enable—enables the receive function of the transceiver
PTS1
1
RXDATA
Receive Data—accepts receive data in NRZ format from the transceiver
I
1
FDET
Frame Detect—start of frame delimiter detection indication
TS1
1
RXCIN
Receive Clock Input—optional clock input that allows for an external PLL
IPU
1
SDCLK
Serial Data Clock—clock output used to access serial peripheral devices
PTS1
1
SDDATA
Serial Data Data—data pin used to access serial peripheral devices
PTS1
3
SDSEL3–SDSEL1
Serial Data Select—chip select outputs used to select serial peripheral devices
PTS1
1
ACT
Activity LED—output capable of driving an LED
PTS2
1
LNK
Link LED—output capable of driving an LED
PTS2
1
ADREF
A/D Reference—an input that can be used to set the analog reference voltage
for the internal A/D converter
I
7
SAR6–SAR0
Serial Approximation Register—supplies the value of the serial approximation
register used in the A/D converter
TS1
2
ADIN1–2
Comparator—A/D comparator inputs
TS1
12
V
CC
Power
I
13
GND
Ground
I
Name
Type
I
OL
I
OH
load
TP1
Totem pole
4 mA
–4 mA
50 pF
TS1
Tri-state
4 mA
–4 mA
50 pF
TS2
Tri-state
24 mA
–4 mA
120 pF
PTS1
User-programmable tri-state
4 mA
–4 mA
50 pF
PTS2
User-programmable tri-state
12 mA
–4 mA
50 pF
PTS3
User-programmable tri-state
24 mA
–4 mA
120 pF
OD2
Open drain
24 mA
–4 mA
120 pF
XO
Xtal amplifier
Output
NA
NA
Name
Type
Size of Pullup
Size of Pulldown
I
Input
NA
NA
IPU
Input with internal pullup device
>50K
Ω
NA
IPD
Input with internal pulldown device
NA
>50K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com