Electronic Components Datasheet Search
  English  ▼

X  

AM79C930 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 79Page - Advanced Micro Devices AM79C930 Datasheet HTML 80Page - Advanced Micro Devices AM79C930 Datasheet HTML 81Page - Advanced Micro Devices AM79C930 Datasheet HTML 82Page - Advanced Micro Devices AM79C930 Datasheet HTML 83Page - Advanced Micro Devices AM79C930 Datasheet HTML 84Page - Advanced Micro Devices AM79C930 Datasheet HTML 85Page - Advanced Micro Devices AM79C930 Datasheet HTML 86Page - Advanced Micro Devices AM79C930 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 161 page
background image
P R E L I M I N A R Y
AMD
83
Am79C930
MIR8: Flash Wait States
This register gives the Flash Wait states.
Bit
Name
Reset Value
Description
7:4
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
3
HOSTALLOW
1
When this bit equals 1, then the host can access memory; if 0, then
the host access is blocked completely
2
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
1:0
FLASHWAIT[1:0]
11b
These bits must be set equal to or greater than the number of wait
states that are generated internally in the 80188 core as defined by
the programming of the R1 and R0 bits of the 80188 UMCS register.
Wait states programmed into FLASHWAIT will cause wait states to
be inserted into 80188 access to Flash and system accesses to
Flash. Each wait state added to a Flash access is equivalent to two
CLKIN periods. These bits are interpreted as follows:
Number Of Wait
States Used By
Arbitration Logic For
FLASHWAIT[1:0]
Flash Accesses
11
3
10
2
01
1
00
0
MIR9: TCR Mask STSCHG Data
This register contains TCR Mask, STSCHG Data, and
SRAM Wait States.
Bit
Name
Reset Value
Description
7
CLKGT20
1
CLKIN input is greater than 20 MHz. This bit must be set to a 1 by
the 80188 code whenever the Am79C930 device is operating in a
system that uses a source for the CLKIN input that is greater than
20 MHz in frequency. This information is needed in order to insure
that the TAI section of the Am79C930 device is not pushed beyond
design limits. Specifically, when CLKGT20 is set to 1, then the
CLKIN signal is divided by 2 before being fed to the TAI section.
CLKGT20 is also used to calibrate the time delay generated by the
HOSTLONGWAIT counter. Specifically, if CLKGT20 = 1, then the
number of CLKIN cycles that are counted for a system access
WAIT period is 192 CLKIN periods; if CLKGT20 = 0, then the num-
ber of CLKIN cycles that are counted for a system access WAIT pe-
riod is 96 CLKIN periods. This time adjustment is needed in order to
avoid creating a PCMCIA WAIT signal that exceeds the 12.1
µs
limit indicated in the PCMCIA specification.
If the source for the CLKIN input is a 20 MHz or slower clock signal,
then this bit should remain reset at 0.
The CLKGT20 bit has an effect on the network data rate. See the
table in the Data Rate bit section in TCR30[2:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com