Electronic Components Datasheet Search
  English  ▼

X  

TMP63 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP63
Description  TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP63 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP63 Datasheet HTML 2Page - Texas Instruments TMP63 Datasheet HTML 3Page - Texas Instruments TMP63 Datasheet HTML 4Page - Texas Instruments TMP63 Datasheet HTML 5Page - Texas Instruments TMP63 Datasheet HTML 6Page - Texas Instruments TMP63 Datasheet HTML 7Page - Texas Instruments TMP63 Datasheet HTML 8Page - Texas Instruments TMP63 Datasheet HTML 9Page - Texas Instruments TMP63 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
TMP63
SNIS211C – OCTOBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMP63
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.5 Electrical Characteristics
TA = -40 °C - 125 °C, ISns = 20 μA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R25
Thermistor Resistance at 25 °C
TA = 25 °C
100
k
Ω
RTOL
Resistance Tolerance
TA = 25 °C
–1
1
%
TA = 0 °C - 70 °C
–1
1
TA = -40 °C - 125 °C
–1.5
1.5
TCR-35
Temperature Coefficient of Resistance
T1 = -40 °C, T2 = -30 °C
+6220
ppm/°C
TCR25
T1 = 20 °C, T2 = 30 °C
+6400
TCR85
T1 = 80 °C, T2 = 90 °C
+5910
TCR-35 %
Temperature Coefficient of Resistance Tolerance
T1 = -40 °C, T2 = -30 °C
±0.4
%
TCR25 %
T1 = 20 °C, T2 = 30 °C
±0.2
TCR85 %
T1 = 80 °C, T2 = 90 °C
±0.3
ΔR
Sensor Long Term Drift (Reliability)
96 hours continuous operation at RH = 85 %, and
TA = 130 °C
VBias = 5.5 V
-1
±0.1
1
%
600 hours continuous operation at TA = 150 °C
VBias = 5.5 V DEC Package
-1.5
±0.3
1.8
tRES (stirred
liquid)
Thermal response to 63%
T1 = 25 °C in Still Air to T2 = 125 °C in Stirred
Liquid
0.6
s
tRES (still air)
Thermal response to 63%
T1 = 25 °C to T2 = 70 °C in Still Air
3.2
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com